Electronic Components Datasheet Search
  English  ▼

X  

TRF2443IPFPR Datasheet(PDF) 29 Page - Texas Instruments

Click here to check the latest version.
Part # TRF2443IPFPR
Description  Integrated IF Transceiver for Broadband Wireless Applications
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TRF2443IPFPR Datasheet(HTML) 29 Page - Texas Instruments

Back Button TRF2443IPFPR Datasheet HTML 25Page - Texas Instruments TRF2443IPFPR Datasheet HTML 26Page - Texas Instruments TRF2443IPFPR Datasheet HTML 27Page - Texas Instruments TRF2443IPFPR Datasheet HTML 28Page - Texas Instruments TRF2443IPFPR Datasheet HTML 29Page - Texas Instruments TRF2443IPFPR Datasheet HTML 30Page - Texas Instruments TRF2443IPFPR Datasheet HTML 31Page - Texas Instruments TRF2443IPFPR Datasheet HTML 32Page - Texas Instruments TRF2443IPFPR Datasheet HTML 33Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 72 page
background image
XPIC RECEIVER TYPICAL CHARACTERISTICS
XPIC AGC Voltage (mV)
0
5
10
15
20
25
30
0
100
200
300
400
500
600
700
G025
TJ = 0°C
TJ = 65°C
TJ = 125°C
0
5
10
15
20
25
30
0
100
200
300
400
500
600
700
VCC = 3.1V
VCC = 3.3V
VCC = 3.5V
XPIC AGC Voltage (mV)
G026
XPIC RX Gain (dB)
−4
−2
0
2
4
6
8
10
12
14
0
5
10
15
20
25
30
G027
TJ = 0°C
TJ = 65°C
TJ = 125°C
−4
−2
0
2
4
6
8
10
12
14
0
5
10
15
20
25
30
VCC = 3.1V
VCC = 3.3V
VCC = 3.5V
XPIC RX Gain (dB)
G028
10
15
20
25
30
35
40
45
50
0
5
10
15
20
25
30
TJ = 0°C
TJ = 65°C
TJ = 125°C
XPIC RX Gain (dB)
G029
10
15
20
25
30
35
40
45
50
0
5
10
15
20
25
30
VCC = 3.1V
VCC = 3.3V
VCC = 3.5V
XPIC RX Gain (dB)
G030
TRF2443
www.ti.com ................................................................................................................................... SLWS217A – SEPTEMBER 2009 – REVISED SEPTEMBER 2009
fin= 140 MHz, XPIC baseband gain setting = 2 (TJ = 65°C, VCC = 3.3 V, unless otherwise noted)
XPIC RX GAIN
XPIC RX GAIN
vs
vs
XPIC AGC VOLTAGE
XPIC AGC VOLTAGE
Figure 87.
Figure 88.
XPIC RX INPUT IP3
XPIC RX INPUT IP3
vs
vs
XPIC RX GAIN
XPIC RX GAIN
Figure 89.
Figure 90.
XPIC RX NOISE FIGURE
XPIC RX NOISE FIGURE
vs
vs
XPIC RX GAIN
XPIC RX GAIN
Figure 91.
Figure 92.
Copyright © 2009, Texas Instruments Incorporated
Submit Documentation Feedback
29
Product Folder Link(s): TRF2443



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com