Electronic Components Datasheet Search
  English  ▼

X  

TRF2443IPFPR Datasheet(PDF) 64 Page - Texas Instruments

Click here to check the latest version.
Part # TRF2443IPFPR
Description  Integrated IF Transceiver for Broadband Wireless Applications
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TRF2443IPFPR Datasheet(HTML) 64 Page - Texas Instruments

Back Button TRF2443IPFPR Datasheet HTML 60Page - Texas Instruments TRF2443IPFPR Datasheet HTML 61Page - Texas Instruments TRF2443IPFPR Datasheet HTML 62Page - Texas Instruments TRF2443IPFPR Datasheet HTML 63Page - Texas Instruments TRF2443IPFPR Datasheet HTML 64Page - Texas Instruments TRF2443IPFPR Datasheet HTML 65Page - Texas Instruments TRF2443IPFPR Datasheet HTML 66Page - Texas Instruments TRF2443IPFPR Datasheet HTML 67Page - Texas Instruments TRF2443IPFPR Datasheet HTML 68Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 72 page
background image
TX LO Leakage Calibration
RX IMAGE REJECTION
2
2
A
2Acos
1
Rejection(dB) = 10log
A
2Acos
1
é
ù
-
+
ê
ú
+
+
ê
ú
ë
û
f
f
DC-OFFSET CALIBRATION
TRF2443
SLWS217A – SEPTEMBER 2009 – REVISED SEPTEMBER 2009 ................................................................................................................................... www.ti.com
Because the corner frequency is dependent on the on-chip capacitance, it is possible to observe variations from
unit to unit in the SPI code that yields a fixed corner frequency. Variations in capacitance from unit to unit result
in a unique 1/BW curve for each unit. If the same DUT is to be used at multiple corner frequencies, the user
should calibrate the DUT as described above to determine, at a minimum, 2 points on the 1/BW curve. From
these calibrated points, any other corner frequency can be extrapolated using linear regression.
The TRF2443 internal feedback path can be used to set up an automatic calibration of the TX LO leakage
according the following potential procedure:
1. Enable loopback switch with minimum insertion loss.
a.
EN_LB_ATT = 0 (SPI-3, register 1, B<19>)
b.
EN_LB = 1 (SPI-3, register 1, B<18>)
2. Set RXLO = 330 MHz (RXVCO to 2640 MHz and RX divider to 8)
a.
RXRDIV<13,0> = <00 0000 0000 0001> (SPI-2, register 1, B<18,5>) [R = 1]
b.
RX_NINT<15,0> = <0000 0000 1000 0100> (SPI-2, register 2, B<20,5>) [N = 132]
c.
RXDIV_SEL = 1 (SPI-2, register 2, B<26>) [LO divider set to 8]
3. Set RX baseband in filter bypass mode and gain = 22 dB
a.
RXBB_GAIN<4,0> = <01101> (SPI-3, register 2, B<15,11>) [gain = 22 dB]
b.
RXBB_FLT_BYP = 1 (SPI-3, register 2, B<23>) [bypass filter]
4. Program TX LO in normal mode (TXLO = 340 MHz).
a.
TXRDIV<13,0> = <00 0000 0000 0001> (SPI-1, register 1, B<18,5>) [R = 1]
b.
TX_NINT<15,0> = <0000 0000 0100 0100> (SPI-1, register 2, B<20,5>) [N = 68]
c.
TXDIV_SEL = 1 (SPI-1, register 2, B<26>) [LO divider set to 8]
5. Measure power level at RXBB output at 10 MHz = P1.
6. Change TX input dc offset until minimum P1 is achieved.
The TRF2443 TX baseband inputs can be ac- or dc-coupled to the external digital-to-analog converter (DAC). In
case of direct coupling, the DAC must provide the appropriate dc offset of step 6 to null the LO leakage. If an
ac-coupled approach is selected, then the internal bias must be enabled by setting EN_TXCM = 1 (SPI-3,
register 3, B<31>). In this case, the integrated dc DAC controls the baseband dc offset. The internal DAC is
programmed via the SPI. TXBBI<5,0> (SPI-3, register 3, B<30,25>) and TXBBQ<5,0> (SPI-3, register 3,
B<24,19>) control the internal DAC settings.
TXBBI<5,0> = TXBBQ<5,0> = <10 0000> corresponds to midrange, that is, no offset applied.
The TRF2443 has been designed to provide optimal image rejection. Using symmetry in the design of the I and
Q paths of the receiver ensures that mismatch between the I and Q paths is minimized. Image rejection is a
function of the amplitude (A) mismatch and the phase error (
Φ) from 90 degrees of the I and Q RX baseband
signals. Image rejection is calculated in the following manner:
The TRF2443 provides an automatic calibration procedure for adjusting the dc offset in the receiver and XPIC
baseband I/Q paths. The internal calibration requires a clock in order to function. This clock is derived internally
from the reference clock with a frequency divider, whose divider ratio is programmable. DCOFF_CLK<2,0>
(SPI-3, register 5, B<16,14>) and XDCOFF_CLK<2,0> (SPI-3, register 5, B<29,27>) set the division ratio for the
dc-offset correction-loop clock for the receiver and XPIC chains, respectively.
The
output
full-scale
range
of
the
internal
dc-offset-correction
DAC
is
programmable
using
bits
DCOFF_BIAS<1,0> (SPI-3, register 5, B<13,12>) for the receiver chain and XPICDCOFF_BIAS<1,0> (SPI-3,
register 5, B<26,25>) for the XPIC chain. The range is shown in Table 11.
64
Submit Documentation Feedback
Copyright © 2009, Texas Instruments Incorporated
Product Folder Link(s): TRF2443



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com