Electronic Components Datasheet Search
  English  ▼

X  

TRF2443IPFPR Datasheet(PDF) 41 Page - Texas Instruments

Click here to check the latest version.
Part # TRF2443IPFPR
Description  Integrated IF Transceiver for Broadband Wireless Applications
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TRF2443IPFPR Datasheet(HTML) 41 Page - Texas Instruments

Back Button TRF2443IPFPR Datasheet HTML 37Page - Texas Instruments TRF2443IPFPR Datasheet HTML 38Page - Texas Instruments TRF2443IPFPR Datasheet HTML 39Page - Texas Instruments TRF2443IPFPR Datasheet HTML 40Page - Texas Instruments TRF2443IPFPR Datasheet HTML 41Page - Texas Instruments TRF2443IPFPR Datasheet HTML 42Page - Texas Instruments TRF2443IPFPR Datasheet HTML 43Page - Texas Instruments TRF2443IPFPR Datasheet HTML 44Page - Texas Instruments TRF2443IPFPR Datasheet HTML 45Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 72 page
background image
TX and RX SPI Registers
TRF2443
www.ti.com ................................................................................................................................... SLWS217A – SEPTEMBER 2009 – REVISED SEPTEMBER 2009
SPI3 Register 0
This is a read-only register, no write is possible. It contains the internal ADC 8-bit output.
CONV
OUT
Register address
SPI address
RSV
RSV
RSV
RSV
RSV
RSV
RSV
RSV
RSV
DONE
RANGE
Bit0
Bit1
Bit2
Bit3
Bit4
Bit5
Bit6
Bit7
Bit8
Bit9
Bit10
Bit11
Bit12
Bit13
Bit14
Bit15
RSV
RSV
RSV
RSV
RSV
RSV
TEMPOUT <7,0>
RSV
RSV
Bit16
Bit17
Bit18
Bit19
Bit20
Bit21
Bit22
Bit23
Bit24
Bit25
Bit26
Bit27
Bit28
Bit29
Bit30
Bit31
REGISTER
POWER-ON
SUGGESTED
NAME
DESCRIPTION
0
VALUE
VALUE
Bit0
ADDR_0
0
0
Register address bits
Bit1
ADDR_1
0
0
Bit2
ADDR_2
0
0
Bit3
ADDR_3
1
1
SPI address bits
Bit4
ADDR_4
1
1
Bit5
CONVDONE
0
N/A
When 1, ADC conversion done
Bit6
OUTRANGE
0
N/A
When 1, the analog input voltage to the ADC falls outside the ADC
input range of 0.125 V–1.125 V.
Bit7
RSV
0
N/A
Reserved
Bit8
RSV
0
N/A
Reserved
Bit9
RSV
0
N/A
Reserved
Bit10
RSV
0
N/A
Reserved
Bit11
RSV
0
N/A
Reserved
Bit12
RSV
0
N/A
Reserved
Bit13
RSV
0
N/A
Reserved
Bit14
RSV
0
N/A
Reserved
Bit15
RSV
0
N/A
Reserved
Bit16
RSV
0
N/A
Reserved
Bit17
RSV
0
N/A
Reserved
Bit18
RSV
0
N/A
Reserved
Bit19
RSV
0
N/A
Reserved
Bit20
RSV
0
N/A
Reserved
Bit21
RSV
0
N/A
Reserved
Bit22
TEMPOUT_0
0
N/A
ADC 8-bit output
Input range 0.125 V to 1.125 V
Bit23
TEMPOUT_1
0
N/A
Bit24
TEMPOUT_2
0
N/A
Bit25
TEMPOUT_3
0
N/A
Bit26
TEMPOUT_4
0
N/A
Bit27
TEMPOUT_5
0
N/A
Bit28
TEMPOUT_6
0
N/A
Bit29
TEMPOUT_7
0
N/A
Bit30
RSV
0
N/A
Reserved
Bit31
RSV
0
N/A
Reserved
Copyright © 2009, Texas Instruments Incorporated
Submit Documentation Feedback
41
Product Folder Link(s): TRF2443



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com