Electronic Components Datasheet Search
  English  ▼

X  

TRF2443IPFPR Datasheet(PDF) 24 Page - Texas Instruments

Click here to check the latest version.
Part # TRF2443IPFPR
Description  Integrated IF Transceiver for Broadband Wireless Applications
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TRF2443IPFPR Datasheet(HTML) 24 Page - Texas Instruments

Back Button TRF2443IPFPR Datasheet HTML 20Page - Texas Instruments TRF2443IPFPR Datasheet HTML 21Page - Texas Instruments TRF2443IPFPR Datasheet HTML 22Page - Texas Instruments TRF2443IPFPR Datasheet HTML 23Page - Texas Instruments TRF2443IPFPR Datasheet HTML 24Page - Texas Instruments TRF2443IPFPR Datasheet HTML 25Page - Texas Instruments TRF2443IPFPR Datasheet HTML 26Page - Texas Instruments TRF2443IPFPR Datasheet HTML 27Page - Texas Instruments TRF2443IPFPR Datasheet HTML 28Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 72 page
background image
TRANSMITTER TYPICAL CHARACTERISTICS
TX Attenuation Setting (SPI-3, REG1<12,6>)
−35
−30
−25
−20
−15
−10
−5
0
5
10
0
5
10
15
20
25
30
35
G041
fOUT = 340MHz
TJ = 0°C
TJ = 65°C
TJ = 125°C
−35
−30
−25
−20
−15
−10
−5
0
5
10
0
5
10
15
20
25
30
35
VCC = 3.1V
VCC = 3.3V
VCC = 3.5V
TX Attenuation Setting (SPI-3, REG1<12,6>)
G042
fOUT = 340MHz
−20
−15
−10
−5
0
5
10
15
20
25
0
5
10
15
20
25
30
35
TJ = 0°C
TJ = 65°C
TJ = 125°C
TX Attenuation Setting (SPI-3, REG1<12,6>)
G043
fOUT = 340MHz
−20
−15
−10
−5
0
5
10
15
20
25
0
5
10
15
20
25
30
35
VCC = 3.1V
VCC = 3.3V
VCC = 3.5V
TX Attenuation Setting (SPI-3, REG1<12,6>)
G044
fOUT = 340MHz
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0
5
10
15
20
25
30
35
TX Attenuation Setting (SPI-3, REG1<12,6>)
G047
TJ = 0°C
TJ = 65°C
TJ = 125°C
fOUT = 340MHz
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0
5
10
15
20
25
30
35
TX Attenuation Setting (SPI-3, REG1<12,6>)
G048
fOUT = 340MHz
VCC = 3.1V
VCC = 3.3V
VCC = 3.5V
TRF2443
SLWS217A – SEPTEMBER 2009 – REVISED SEPTEMBER 2009 ................................................................................................................................... www.ti.com
Measured after the transformer (0.7-dB insertion loss) and with a TXBBI/TXBBQ input level of –23 dBVrms (TJ = 65°C,
VCC = 3.3 V, unless otherwise noted)
TX OUTPUT POWER
TX OUTPUT POWER
vs
vs
TX ATTENUATION SETTING
TX ATTENUATION SETTING
Figure 62.
Figure 63.
TX GAIN
TX GAIN
vs
vs
TX ATTENUATION SETTING
TX ATTENUATION SETTING
Figure 64.
Figure 65.
TX 0.5-dB GAIN STEP
TX 0.5-dB GAIN STEP
vs
vs
TX ATTENUATION SETTING
TX ATTENUATION SETTING
Figure 66.
Figure 67.
24
Submit Documentation Feedback
Copyright © 2009, Texas Instruments Incorporated
Product Folder Link(s): TRF2443



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com