Electronic Components Datasheet Search
  English  ▼

X  

TRF2443IPFPR Datasheet(PDF) 67 Page - Texas Instruments

Click here to check the latest version.
Part # TRF2443IPFPR
Description  Integrated IF Transceiver for Broadband Wireless Applications
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TRF2443IPFPR Datasheet(HTML) 67 Page - Texas Instruments

Back Button TRF2443IPFPR Datasheet HTML 63Page - Texas Instruments TRF2443IPFPR Datasheet HTML 64Page - Texas Instruments TRF2443IPFPR Datasheet HTML 65Page - Texas Instruments TRF2443IPFPR Datasheet HTML 66Page - Texas Instruments TRF2443IPFPR Datasheet HTML 67Page - Texas Instruments TRF2443IPFPR Datasheet HTML 68Page - Texas Instruments TRF2443IPFPR Datasheet HTML 69Page - Texas Instruments TRF2443IPFPR Datasheet HTML 70Page - Texas Instruments TRF2443IPFPR Datasheet HTML 71Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 72 page
background image
TRF2443
www.ti.com ................................................................................................................................... SLWS217A – SEPTEMBER 2009 – REVISED SEPTEMBER 2009
Table 12. Pin Termination Requirements/Limitations (continued)
NAME
PIN
DESCRIPTION
RXAGC
65
Receiver-chain VGA gain-control dc-voltage input. Equivalent input impedance: 100 k
Ω in series with 4
pF.
RXINP/ RXINN
68, 69
RX input differential terminals. Input impedance is 50
Ω differential. A 1:1 balun is required to drive it
single-ended.
RXLOTEST
53
RX VCO output pin: test output to check internal RX local oscillator. If it is not used, the pin can be
grounded.
TEMPOUT
37
Temperature-sensor output. If temperature sensor is not used (disabled), this pin should be terminated
with a 100-k
Ω resistor to ground. If it used, the TEMPOUT buffer can drive impedances of R > 10 kΩ and
C < 100 pF.
TXLOTEST
6
TX VCO output pin: test output to check internal TX local oscillator. If it is not used, the pin can be
grounded.
TXBBIP/ TXBBIN
22, 21
TX baseband I-channel differential inputs. If EN_TXCM (SPI-3, register 3, B<31>) = 0, external AC
coupling caps and 100-
Ω differential resistor is required.
TXBBQP/
20, 19
TX baseband Q-channel differential inputs. If EN_TXCM (SPI-3, register 3, B<31>) = 0, external AC
TXBBQN
coupling caps and 100-
Ω differential resistor is required.
TXOUTP/
77, 78
TX amplifier open-collector output terminals. A pullup inductor from each pin to power supply is required.
TXOUTN
Output impedance is set typically to 200
Ω differential. A 4:1 impedance-ratio balun is needed to
transform to 50
Ω single-ended.
TXPWD
1
TX power down; digital input
VCCRX
67
RX-chain power supply. The decoupling capacitor on this power supply should be connected to the same
ground plane to which the GNDRX pins, 70 and 71, are connected.
XPICAGC
30
XPIC chain VGA gain-control dc-voltage input. Equivalent input impedance: 100 k
Ω in series with 4 pF.
XPICOUTN/
54, 55
XPIC output-amplifier open-collector output terminals. Output impedance is set typically to 75
Ω
XPICOUTP
differential with an internal resistor so that no external load is required. A pullup inductor from each pin to
the power supply is required. A 1:1 impedance ratio balun is needed to transform to 75
Ω single-ended.
Copyright © 2009, Texas Instruments Incorporated
Submit Documentation Feedback
67
Product Folder Link(s): TRF2443



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com