Electronic Components Datasheet Search
  English  ▼

X  

TRF2443IPFPR Datasheet(PDF) 43 Page - Texas Instruments

Click here to check the latest version.
Part # TRF2443IPFPR
Description  Integrated IF Transceiver for Broadband Wireless Applications
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TRF2443IPFPR Datasheet(HTML) 43 Page - Texas Instruments

Back Button TRF2443IPFPR Datasheet HTML 39Page - Texas Instruments TRF2443IPFPR Datasheet HTML 40Page - Texas Instruments TRF2443IPFPR Datasheet HTML 41Page - Texas Instruments TRF2443IPFPR Datasheet HTML 42Page - Texas Instruments TRF2443IPFPR Datasheet HTML 43Page - Texas Instruments TRF2443IPFPR Datasheet HTML 44Page - Texas Instruments TRF2443IPFPR Datasheet HTML 45Page - Texas Instruments TRF2443IPFPR Datasheet HTML 46Page - Texas Instruments TRF2443IPFPR Datasheet HTML 47Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 72 page
background image
TRF2443
www.ti.com ................................................................................................................................... SLWS217A – SEPTEMBER 2009 – REVISED SEPTEMBER 2009
EN_LB (bit 18): When 1, the loopback switch, connecting the TX mixer output to the RX IFVGA3 input, is on.
Also, when the switch is enabled, the TX amplifier, RX LNA, IFVGA1, and IFVGA2 are turned off (see the
Application Information section).
EN_LB_ATT (bit 19): When 1, a 20-dB attenuator in the loopback path is enabled (see the Application
Information section).
DET_RESET (bit 20): Set this bit to 1 to reset the power-alarm output after it has gone low for a power-alarm
alert (see the Application Information section).
SPI3 Register 2
Enable
Register address
SPI address
RX LNA gain control
RX baseband gain
ext SAW
Bit0
Bit1
Bit2
Bit3
Bit4
Bit5
Bit6
Bit7
Bit8
Bit9
Bit10
Bit11
Bit12
Bit13
Bit14
Bit15
Baseband
Filter
PWD
PWD
RX baseband-filter corner frequency
3-dB
XPIC baseband gain
bypass
RX
XPIC
attenuation
Bit16
Bit17
Bit18
Bit19
Bit20
Bit21
Bit22
Bit23
Bit24
Bit25
Bit26
Bit27
Bit28
Bit29
Bit30
Bit31
REGISTER
POWER-ON
SUGGESTED
DESCRIPTION
NAME
2
VALUE
VALUE
Bit0
ADDR_0
0
0
Register address bits
Bit1
ADDR_1
1
1
Bit2
ADDR_2
0
0
Bit3
ADDR_3
1
1
SPI address bits
Bit4
ADDR_4
1
1
Bit5
LNA_ATT_0
0
App. specific
RX LNA attenuation control bits
<0 0000> corresponds to 0-dB attenuation (maximum gain).
Bit6
LNA_ATT_1
0
App. specific
<1 0011> corresponds to 19-dB attenuation (minimum gain).
Bit7
LNA_ATT_2
0
App. specific
Gain step is 1 dB.
Bit8
LNA_ATT_3
0
App. specific
Bit9
LNA_ATT_4
0
App. specific
Bit10
EN_SAW
0
App. specific
1 = signal path through external SAW filter enabled
Bit11
RXBB_GAIN_0
0
App. specific
RX baseband amplifier gain setting
<1 1000> = maximum gain (33 dB); gain step is 1 dB.
Bit12
RXBB_GAIN_1
0
App. specific
RXBB_GAIN<4,0> = wanted gain – 9
Bit13
RXBB_GAIN_2
0
App. specific
Example: wanted gain = 22 dB
→ New gain setting = 22 – 9 = 13 =
Bit14
RXBB_GAIN_3
0
App. specific
<0 1101>
Bit15
RXBB_GAIN_4
1
App. specific
Bit16
RXBB_FREQ_0
0
App. specific
RX baseband-filter cutoff-frequency setting
Setting of <111 1111> corresponds to minimum cutoff frequency.
Bit17
RXBB_FREQ_1
1
App. specific
See the Baseband-Filter Cutoff-Frequency Calibration section.
Bit18
RXBB_FREQ_2
1
App. specific
Bit19
RXBB_FREQ_3
1
App. specific
Bit20
RXBB_FREQ_4
1
App. specific
Bit21
RXBB_FREQ_5
0
App. specific
Bit22
RXBB_FREQ_6
1
App. specific
Bit23
RXBB_FLT_BYP
0
App. specific
RX baseband filter bypass
Bit24
RXBB_3dBATT
1
App. specific
Enable 3-dB attenuator in the RX BB output buffer (1 = on)
Bit25
PWD_RX
0
0
Power down receiver chain
Bit26
PWD_XPIC
0
0
Power down XPIC
Bit27
XPICBB_GAIN_0
0
App. specific
XPIC baseband-amplifier gain setting. <xxx> = maximum gain (xx
dB); gain step is 1 dB.
Bit28
XPICBB_GAIN_1
1
App. specific
XPICBB_GAIN<4,0> = wanted gain – 9
Bit29
XPICBB_GAIN_2
1
App. specific
Example: wanted gain = 12 dB
→ New gain setting = 12 – 9 = 3 =
<0 0011>
Bit30
XPICBB_GAIN_3
0
App. specific
Bit31
XPICBB_GAIN_4
0
App. specific
Copyright © 2009, Texas Instruments Incorporated
Submit Documentation Feedback
43
Product Folder Link(s): TRF2443



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com