Electronic Components Datasheet Search
  English  ▼

X  

TRF2443IPFPR Datasheet(PDF) 48 Page - Texas Instruments

Click here to check the latest version.
Part # TRF2443IPFPR
Description  Integrated IF Transceiver for Broadband Wireless Applications
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TRF2443IPFPR Datasheet(HTML) 48 Page - Texas Instruments

Back Button TRF2443IPFPR Datasheet HTML 44Page - Texas Instruments TRF2443IPFPR Datasheet HTML 45Page - Texas Instruments TRF2443IPFPR Datasheet HTML 46Page - Texas Instruments TRF2443IPFPR Datasheet HTML 47Page - Texas Instruments TRF2443IPFPR Datasheet HTML 48Page - Texas Instruments TRF2443IPFPR Datasheet HTML 49Page - Texas Instruments TRF2443IPFPR Datasheet HTML 50Page - Texas Instruments TRF2443IPFPR Datasheet HTML 51Page - Texas Instruments TRF2443IPFPR Datasheet HTML 52Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 72 page
background image
TRF2443
SLWS217A – SEPTEMBER 2009 – REVISED SEPTEMBER 2009 ................................................................................................................................... www.ti.com
REGISTER
NAME
POWER-ON
SUGGESTED
DESCRIPTION
5
VALUE
VALUE
Bit31
PWD_XPICDCOFF
0
0
Power down XPIC dc-offset loop (1 = disable)
EN_BB_AUTOCAL (bit5): When 1, the RX baseband dc-offset automatic calibration starts. At the end of the
calibration, the bit is reset to 0.
DCOFF_BIAS<2,0>: These bits control the maximum output dc voltage of the dc-offset correction DAC used in
the RX chain.
DCOFF_CLK<2,0>: It sets the frequency-divider ratio that creates the RX dc-offset correction-loop clock from the
clock divider.
EN_BB_CAL (bit17): When 1, the RX baseband dc-offset loop is enabled.
EN_XPIC_AUTOCAL (bit18): When 1, the XPIC baseband dc-offset automatic calibration starts. At the end of
the calibration, the bit is reset to 0.
XPICDCOFF_BIAS<2,0>: These bits control the maximum output dc voltage of the dc-offset correction DAC
used in the XPIC chain.
XDCOFF_CLK<2,0>: It sets the frequency-divider ratio that creates the XPIC dc-offset correction-loop clock from
the clock divider.
SPI3 Register 6
IFVGA2 gain-
Register address
SPI address
IFVGA3 gain-range control
IFVGA3 min. gain
range control
Bit0
Bit1
Bit2
Bit3
Bit4
Bit5
Bit6
Bit7
Bit8
Bit9
Bit10
Bit11
Bit12
Bit13
Bit14
Bit15
IFVGA2 gain-range
IFVGA2 min. gain
IFVGA1 gain-range control
IFVGA1 min. gain
control
Bit16
Bit17
Bit18
Bit19
Bit20
Bit21
Bit22
Bit23
Bit24
Bit25
Bit26
Bit27
Bit28
Bit29
Bit30
Bit31
REGISTER
POWER-ON
SUGGESTED
NAME
DESCRIPTION
6
VALUE
VALUE
Bit0
ADDR_0
0
0
Register address bits
Bit1
ADDR_1
1
1
Bit2
ADDR_2
1
1
Bit3
ADDR_3
1
1
SPI address bits
Bit4
ADDR_4
1
1
Bit5
IFVGA3_RANGE_0
0
0
IFVGA3 gain-range control
Bit6
IFVGA3_RANGE_1
0
1
Bit7
IFVGA3_RANGE_2
1
0
Bit8
IFVGA3_RANGE_3
1
1
Bit9
IFVGA3_RANGE_4
1
0
Bit10
IFVGA3_ MINGAIN_0
0
0
IFVGA3 minimum-gain control
Bit11
IFVGA3_MINGAIN_1
1
1
Bit12
IFVGA3_MINGAIN_2
0
0
Bit13
IFVGA3_MINGAIN_3
0
0
Bit14
IFVGA2_RANGE_0
0
1
IFVGA2 gain-range control
Bit15
IFVGA2_RANGE_1
0
0
Bit16
IFVGA2_RANGE_2
1
0
Bit17
IFVGA2_RANGE_3
1
1
Bit18
IFVGA2_RANGE_4
1
0
Bit19
IFVGA2_ MINGAIN_0
0
0
IFVGA2 minimum-gain control
Bit20
IFVGA2_MINGAIN_1
1
1
Bit21
IFVGA2_MINGAIN_2
0
0
Bit22
IFVGA2_MINGAIN_3
0
0
48
Submit Documentation Feedback
Copyright © 2009, Texas Instruments Incorporated
Product Folder Link(s): TRF2443



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com