Electronic Components Datasheet Search
  English  ▼

X  

TRF2443IPFPR Datasheet(PDF) 17 Page - Texas Instruments

Click here to check the latest version.
Part # TRF2443IPFPR
Description  Integrated IF Transceiver for Broadband Wireless Applications
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TRF2443IPFPR Datasheet(HTML) 17 Page - Texas Instruments

Back Button TRF2443IPFPR Datasheet HTML 13Page - Texas Instruments TRF2443IPFPR Datasheet HTML 14Page - Texas Instruments TRF2443IPFPR Datasheet HTML 15Page - Texas Instruments TRF2443IPFPR Datasheet HTML 16Page - Texas Instruments TRF2443IPFPR Datasheet HTML 17Page - Texas Instruments TRF2443IPFPR Datasheet HTML 18Page - Texas Instruments TRF2443IPFPR Datasheet HTML 19Page - Texas Instruments TRF2443IPFPR Datasheet HTML 20Page - Texas Instruments TRF2443IPFPR Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 72 page
background image
RECEIVER TYPICAL CHARACTERISTICS
LNA Attenuation Setting (SPI-3, REG2<9,6>)
−20
−18
−16
−14
−12
−10
−8
−6
−4
−2
0
0
2
4
6
8
10
12
14
16
18
20
G037
TJ = 0°C
TJ = 65°C
TJ = 125°C
−20
−18
−16
−14
−12
−10
−8
−6
−4
−2
0
0
2
4
6
8
10
12
14
16
18
20
VCC = 3.1V
VCC = 3.3V
VCC = 3.5V
LNA Attenuation Setting (SPI-3, REG2<9,6>)
G038
−2.0
−1.5
−1.0
−0.5
0.0
0.5
1.0
1.5
2.0
0 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19
TJ = 0°C
TJ = 65°C
TJ = 125°C
LNA Attenuation Setting (SPI-3, REG2<9,6>)
G086
−2.0
−1.5
−1.0
−0.5
0.0
0.5
1.0
1.5
2.0
0 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19
VCC = 3.1V
VCC = 3.3V
VCC = 3.5V
LNA Attenuation Setting (SPI-3, REG2<9,6>)
G087
RXBB Gain Setting (SPI-3, REG2<15,11>)
8
10
12
14
16
18
20
22
24
26
28
30
32
0
2
4
6
8
10
12
14
16
18
20
22
24
G039
TJ = 0°C
TJ = 65°C
TJ = 125°C
8
10
12
14
16
18
20
22
24
26
28
30
32
0
2
4
6
8
10
12
14
16
18
20
22
24
VCC = 3.1V
VCC = 3.3V
VCC = 3.5V
RXBB Gain Setting (SPI-3, REG2<15,11>)
G040
TRF2443
www.ti.com ................................................................................................................................... SLWS217A – SEPTEMBER 2009 – REVISED SEPTEMBER 2009
fin= 140 MHz (TJ = 65°C, VCC = 3.3 V, unless otherwise noted)
RX LNA ATTENUATION
RX LNA ATTENUATION
vs
vs
LNA ATTENUATION SETTING
LNA ATTENUATION SETTING
Figure 28.
Figure 29.
RX LNA CUMULATIVE ATTENUATION ERROR
RX LNA CUMULATIVE ATTENUATION ERROR
vs
vs
LNA ATTENUATION SETTING
LNA ATTENUATION SETTING
Figure 30.
Figure 31.
RX BASEBAND GAIN
RX BASEBAND GAIN
vs
vs
RXBB GAIN SETTING
RXBB GAIN SETTING
Figure 32.
Figure 33.
Copyright © 2009, Texas Instruments Incorporated
Submit Documentation Feedback
17
Product Folder Link(s): TRF2443



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com