Electronic Components Datasheet Search
  English  ▼

X  

TRF2443IPFPR Datasheet(PDF) 35 Page - Texas Instruments

Click here to check the latest version.
Part # TRF2443IPFPR
Description  Integrated IF Transceiver for Broadband Wireless Applications
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TRF2443IPFPR Datasheet(HTML) 35 Page - Texas Instruments

Back Button TRF2443IPFPR Datasheet HTML 31Page - Texas Instruments TRF2443IPFPR Datasheet HTML 32Page - Texas Instruments TRF2443IPFPR Datasheet HTML 33Page - Texas Instruments TRF2443IPFPR Datasheet HTML 34Page - Texas Instruments TRF2443IPFPR Datasheet HTML 35Page - Texas Instruments TRF2443IPFPR Datasheet HTML 36Page - Texas Instruments TRF2443IPFPR Datasheet HTML 37Page - Texas Instruments TRF2443IPFPR Datasheet HTML 38Page - Texas Instruments TRF2443IPFPR Datasheet HTML 39Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 72 page
background image
TRF2443
www.ti.com ................................................................................................................................... SLWS217A – SEPTEMBER 2009 – REVISED SEPTEMBER 2009
TXCAL_CLK<2,0>: Set the frequency divider value used to derive the TX VCO calibration clock from the
reference clock (See Table 4)
Table 4. TX VCO Calibration Clock
Divider vs TXCAL_CLK<2,0>
TXCAL_CLK
FREQUENCY DIVIDER
000
1
001
8
010
16
011
128
100
256
101
1024
110
2048
111
16,684
SPI1 Register 4
Register address
SPI address
RSV
RSV
RSV
RSV
RSV
RSV
Power down TX PLL blocks
RSV
Bit0
Bit1
Bit2
Bit3
Bit4
Bit5
Bit6
Bit7
Bit8
Bit9
Bit10
Bit11
Bit12
Bit13
Bit14
Bit15
RSV
Power down TX PLL blocks
RSV
RSV
RSV
TXVCO trim
Bit16
Bit17
Bit18
Bit19
Bit20
Bit21
Bit22
Bit23
Bit24
Bit25
Bit26
Bit27
Bit28
Bit29
Bit30
Bit31
REGISTER
POWER-ON
SUGGESTED
NAME
DESCRIPTION
4
VALUE
VALUE
Bit0
ADDR_0
0
0
Register address bits
Bit1
ADDR_1
0
0
Bit2
ADDR_2
1
1
Bit3
ADDR_3
1
1
SPI address bits
Bit4
ADDR_4
0
0
Bit5
RSV
0
0
Reserved
Bit6
RSV
0
0
Reserved
Bit7
RSV
0
0
Reserved
Bit8
RSV
0
0
Reserved
Bit9
RSV
1
1
Reserved
Bit10
RSV
1
1
Reserved
Bit11
PWD_TXCP
0
0
When 1, TX charge pump is off
Bit12
PWD_TXVCO
0
0
When 1, TX VCO is off
Bit13
PWD_TXBUF1
0
0
Power down VCO buffer 1 (1 = off)
Bit14
PWD_TXBUF2
0
0
Power down VCO buffer 2 (1 = off)
Bit15
RSV
1
1
Reserved
Bit16
PWD_TX_TESTBUF
0
1
Power down TXVCO output buffer, pin TXLOTEST (1 = off)
Bit17
PWD_TXDIV2
0
0
Power down VCO divider (1 = off)
Bit18
PWD_TXPRESC
0
0
Power down prescaler buffer (1 = off)
Bit19
PWD_TXRESYNC
0
0
Power down re-synch D flip-flop (1 = off)
Bit20
PWD_TXPLL
0
0
Power down whole TX PLL (1 = off)
Bit21
PWD_TXDIV
0
0
Power down LO divider (1 = off)
Bit22
PWD_TXDET
0
0
Power down VCO detector (1 = off; used for VCO calibration)
Bit23
RSV
0
0
Reserved
Bit24
RSV
0
0
Reserved
Bit25
RSV
0
0
Reserved
Copyright © 2009, Texas Instruments Incorporated
Submit Documentation Feedback
35
Product Folder Link(s): TRF2443



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com