Electronic Components Datasheet Search
  English  ▼

X  

TRF2443IPFPR Datasheet(PDF) 31 Page - Texas Instruments

Click here to check the latest version.
Part # TRF2443IPFPR
Description  Integrated IF Transceiver for Broadband Wireless Applications
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TRF2443IPFPR Datasheet(HTML) 31 Page - Texas Instruments

Back Button TRF2443IPFPR Datasheet HTML 27Page - Texas Instruments TRF2443IPFPR Datasheet HTML 28Page - Texas Instruments TRF2443IPFPR Datasheet HTML 29Page - Texas Instruments TRF2443IPFPR Datasheet HTML 30Page - Texas Instruments TRF2443IPFPR Datasheet HTML 31Page - Texas Instruments TRF2443IPFPR Datasheet HTML 32Page - Texas Instruments TRF2443IPFPR Datasheet HTML 33Page - Texas Instruments TRF2443IPFPR Datasheet HTML 34Page - Texas Instruments TRF2443IPFPR Datasheet HTML 35Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 72 page
background image
SPI REGISTERS
“End of Write Cycle”
pulse
1stWrite
clock
pulse
tsu1
th
t(CLK)
32nd
Write
clock
pulse
t
t
su
su
2
3
tw
CLOCK
DATA
t(CL)
t (CH)
LATCH
ENABLE
DB30
DB29
DB2
Address Bit2
DB1
Address Bit1
DB0 (LSB)
Address Bit0
DB3
Address Bit3
DB31(MSB)
TRF2443 Addressing Scheme
TRF2443
www.ti.com ................................................................................................................................... SLWS217A – SEPTEMBER 2009 – REVISED SEPTEMBER 2009
The TRF2443 features a three-wire serial programming interface (SPI) that controls an internal 32-bit shift
register. There are a total of three signals that must be applied: the clock (CLKSPI), the serial data (DATASPI)
and the latch enable (LESPI). The TRF2443 has an additional pin (RDBKSPI) for readback functionality. This pin
is a digital pin and can be used to read back values of different internal registers.
The DATA (DB0–DB31) is loaded LSB-first and is read on the rising edge of the CLOCK. The latch enable is
asynchronous to the CLOCK, and at its rising edge the data in the shift register is loaded onto the selected
internal register. The 5 LSBs of the data field are the address bits to select the available internal registers (see
Figure 99).
The SPI can operate reliably at clock speeds up to 20 MHz (clock period <50 ns). In theory, two 32-bit registers
could be programmed within 3.3
µs (64 clock cycles at 50 ns per clock cycle plus setup times). However, the
user must exercise care when writing consecutive registers to ensure that subsequent register writes do not
disrupt a previously requested operation such as a calibration. Calibration times are functions of the external
reference frequency used as well as internally programmable clock dividers set by the user. The application
section of this data sheet describes how to determine these calibration times. The user should allow for such
calibration times when writing registers to the serial interface that contain settings related to the calibration or
settings related to the circuits which are being calibrated.
Figure 99. SPI Timing Diagram
Table 1. SPI Timing – Writing Phase
SYMBOL
PARAMETER
MIN
TYP
MAX
UNITS
th
Hold time, data to clock
20
ns
tSU1
Setup time, data to clock
20
ns
t(CL)
Clock low duration
20
ns
t(CH)
Clock high duration
20
ns
tSU2
Setup time, clock to enable
20
ns
tW
Enable Time
50
ns
t(CLK)
Clock period
50
ns
tSU3
Setup time, latch to data
70
ns
The TRF2443 has a separate set of register banks for the EEPROM (SPI-0), TX PLL (SPI-1), RX PLL (SPI-2),
and TX/RX functionality (SPI-3). Each of the register banks has unique address bits to identify it, and within each
register bank there are several registers which require an additional 3 bits of addressing.
Each register is 32 bits long; the bits can be described by B<31,0>. The 5 LSBs of each register, (B<4,0>), are
the address bits, with B<4,3> corresponding to the address of the register bank and B<2,0> corresponding to the
address of the individual register within each bank (see Table 2).
Copyright © 2009, Texas Instruments Incorporated
Submit Documentation Feedback
31
Product Folder Link(s): TRF2443



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com