Electronic Components Datasheet Search
  English  ▼

X  

TRF2443IPFPR Datasheet(PDF) 54 Page - Texas Instruments

Click here to check the latest version.
Part # TRF2443IPFPR
Description  Integrated IF Transceiver for Broadband Wireless Applications
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TRF2443IPFPR Datasheet(HTML) 54 Page - Texas Instruments

Back Button TRF2443IPFPR Datasheet HTML 50Page - Texas Instruments TRF2443IPFPR Datasheet HTML 51Page - Texas Instruments TRF2443IPFPR Datasheet HTML 52Page - Texas Instruments TRF2443IPFPR Datasheet HTML 53Page - Texas Instruments TRF2443IPFPR Datasheet HTML 54Page - Texas Instruments TRF2443IPFPR Datasheet HTML 55Page - Texas Instruments TRF2443IPFPR Datasheet HTML 56Page - Texas Instruments TRF2443IPFPR Datasheet HTML 57Page - Texas Instruments TRF2443IPFPR Datasheet HTML 58Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 72 page
background image
TRF2443 DESCRIPTION
RECEIVER DESCRIPTION
0/ 90
RXVGA
LNA
FromSPI
fromRXPLL
AGC
CNTL
IFVGA1
IFVGA2
IFVGA3
FromSPI
BB AMP/FLT
IFSAW
RX_IN
IF_OUT
IF_IN
RX_BBI
RX _BBQ
RX_AGC
LNA
VGA
Demodulator
TRF2443
SLWS217A – SEPTEMBER 2009 – REVISED SEPTEMBER 2009 ................................................................................................................................... www.ti.com
Figure 101. Receiver Chain Block Diagram
The TRF2443 features a highly linear low-noise receiver chain with over 60 dB of analog-controlled gain range
and more than 40 dB of gain range programmable via the serial programming interface (SPI) in 1-dB steps.
Moreover, the TRF2443 gives the flexibility to add an external IF filter to further remove unwanted signals. Such
an external filter can be bypassed using an internal path that can be enabled via SPI.
The first block of the receiver chain is a low-noise, highly linear IF amplifier (LNA). Its input is differential and
internally matched to 50
Ω. To drive the TRF2443 RX input via a single0-ended source, a 1:1 balun is required at
the LNA input (see Application Schematic section). The TRF2443 LNA attenuation is programmable via the serial
programming interface (SPI) from 0 dB to –19 dB, corresponding to an LNA gain of 17 dB to –2 dB (1-dB steps).
LNA_ATT<4,0> in SPI-3, register 2, B<9,5> are the LNA attenuation controlling bits. To program the amplifier to
the maximum gain, set the attenuation bits to 0 (LNA_ATT<4,0> = <0 0000>); whereas minimum gain
corresponds to LNA_ATT<4,0> = <1 0011>.
The LNA is followed by three analog-controlled VGAs that provide more than 60 dB of gain range. The IFVGA1
output and IFVGA2 input can be connected externally (pins IFOUT and IFIN) through an external IF filter. The
IFVGA1 output buffer requires two pullup inductors to be connected from the IFOUTP/N pins to Vcc (see
Application Schematic section). The IFVGA2 input (pins IFINN/P) is high-impedance. A 50-
Ω external resistor is
required across the IFINN and IFINP pins to provide a matching load to the IF filter output. An internal switch
gives the flexibility to bypass the external filter. The internal bypass switch is controlled via the serial
programming interface through bit EN_SAW (SPI-3, register 2, B<10>). By programming EN_SAW to 1, the
external path is selected, whereas a 0 engages the internal bypass switch.
The VGA gain is controlled by the dc voltage applied to the RXAGC pin. By varying the input dc voltage from 0 V
to 2 V, the VGA total gain goes from minimum to maximum. The gain control is linear in dB, with a typical slope
around 51 dB/V. The RXAGC input provides a high input impedance, equivalent to a 100-k
Ω resistance in series
with a 4-pF capacitance.
The IFVGA3 drives the demodulator, which downconverts the IF input signal directly to baseband in phase and
quadrature. The demodulator block includes the local oscillator in-phase and quadrature-generation circuitry,
followed by the LO buffer. The LO chain also includes a frequency divider that can be programmed to divide by 8
or 16. The frequency divider generates the RX LO from the RX VCO. By selecting a division ratio of 16, the RX
LO can be set to 140 MHz (see the Programming the TRF2443 Synthesizers section).
54
Submit Documentation Feedback
Copyright © 2009, Texas Instruments Incorporated
Product Folder Link(s): TRF2443



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com