Electronic Components Datasheet Search
  English  ▼

X  

TRF2443IPFPR Datasheet(PDF) 62 Page - Texas Instruments

Click here to check the latest version.
Part # TRF2443IPFPR
Description  Integrated IF Transceiver for Broadband Wireless Applications
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TRF2443IPFPR Datasheet(HTML) 62 Page - Texas Instruments

Back Button TRF2443IPFPR Datasheet HTML 58Page - Texas Instruments TRF2443IPFPR Datasheet HTML 59Page - Texas Instruments TRF2443IPFPR Datasheet HTML 60Page - Texas Instruments TRF2443IPFPR Datasheet HTML 61Page - Texas Instruments TRF2443IPFPR Datasheet HTML 62Page - Texas Instruments TRF2443IPFPR Datasheet HTML 63Page - Texas Instruments TRF2443IPFPR Datasheet HTML 64Page - Texas Instruments TRF2443IPFPR Datasheet HTML 65Page - Texas Instruments TRF2443IPFPR Datasheet HTML 66Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 72 page
background image
TX OUTPUT POWER RAMP-DOWN
LOOPBACK
TX Signal Loopback
TRF2443
SLWS217A – SEPTEMBER 2009 – REVISED SEPTEMBER 2009 ................................................................................................................................... www.ti.com
To avoid unwanted spurious emissions during power down of the transmitter, the power-down circuitry is
designed to ramp down the output power gradually. The ramp-down time constant is programmable.
PS_TC<1,0> (SPI-3, register 3, B<10,9>) allows selection of four different time constants.
PS_TC
POWER DOWN
00
28
µs
01
42
µs
10
57
µs
11
75
µs
The values shown in the preceding table are the typical times required for the output level to be attenuated
by 30 dB.
The TRF2443 integrates a loopback switch between the TX and the RX chains. The switch connects the TX
modulator output to the RX IFVGA3 input. This path can be used for three different functions:
• Loopback path for the transmitted signal
• RX baseband low-pass-filter corner-frequency calibration
• TX modulator LO leakage calibration
The loopback mode is enabled by setting EN_LB (SPI-3, register 1, B<18>) to 1. When the switch is activated,
the TX amplifier, RX LNA, RX IFVGA1, and RX IFVGA2 are all turned off automatically.
The loopback path can be programmed with two different insertion losses:
• 20-dB insertion loss for the loopback path of the transmitted signal
• Minimum insertion loss for calibration mode
The attenuation mode is selected via EN_LB_ATT (SPI-3, register 1, B<19>).
EN_LB_ATT = 1
→ 20-dB attenuation
EN_LB_ATT = 0
→ minimum insertion loss
The TRF2443 internal feedback path can be used to loop back the TX signal(1), which enables the RX chain to
be used to monitor the transmitted signal. This mode is controlled via the serial programming interface (SPI)
according the following possible steps:
1. Enable loopback switch with 20-dB attenuation
a.
EN_LB_ATT = 1 (SPI-3, register 1, B<19>)
b.
EN_LB = 1 (SPI-3, register 1, B<18>)
2. Program TXLO to 165 MHz (TXLO to 2640 MHz and TX divider to 16)
a.
TXRDIV<13,0> = <00 0000 0000 0001> (SPI-1, register 1, B<18,5>) [R = 1]
b.
TX_NINT<15,0> = <0000 0000 0100 0010> (SPI-1, register 2, B<20,5>) [N = 66]
c.
TXDIV_SEL = 0 (SPI-1, register 2, B<26>) [LO divider set to 16]
3. Program RXLO to 165 MHz (RXLO to 2640 MHz and RX divider to 16)
a.
RXRDIV<13,0> = <00 0000 0000 0001> (SPI-2, register 1, B<18,5>) [R = 1]
b.
RX_NINT<15,0> = <0000 0000 1000 0100> (SPI-2, register 2, B<20,5>) [N = 132]
c.
RXDIV_SEL = 0 (SPI-2, register 2, B<26>) [LO divider set to 16]
4. Set receiver baseband gain to 10 dB
a.
RXBB_GAIN<4,0> = <00001> (SPI-3, register 2, B<15,11>)
5. Program the receiver baseband-filter cutoff frequency to the appropriate value (depending on the TX signal
bandwidth).
(1)
For a TX loopback frequency of 165 MHz, the PLLs are locked to a 20-MHz PFD frequency.
62
Submit Documentation Feedback
Copyright © 2009, Texas Instruments Incorporated
Product Folder Link(s): TRF2443



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com