Electronic Components Datasheet Search
  English  ▼

X  

TRF2443IPFPR Datasheet(PDF) 30 Page - Texas Instruments

Click here to check the latest version.
Part # TRF2443IPFPR
Description  Integrated IF Transceiver for Broadband Wireless Applications
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TRF2443IPFPR Datasheet(HTML) 30 Page - Texas Instruments

Back Button TRF2443IPFPR Datasheet HTML 26Page - Texas Instruments TRF2443IPFPR Datasheet HTML 27Page - Texas Instruments TRF2443IPFPR Datasheet HTML 28Page - Texas Instruments TRF2443IPFPR Datasheet HTML 29Page - Texas Instruments TRF2443IPFPR Datasheet HTML 30Page - Texas Instruments TRF2443IPFPR Datasheet HTML 31Page - Texas Instruments TRF2443IPFPR Datasheet HTML 32Page - Texas Instruments TRF2443IPFPR Datasheet HTML 33Page - Texas Instruments TRF2443IPFPR Datasheet HTML 34Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 72 page
background image
INSERTION LOSSES TYPICAL CHARACTERISTICS
Frequency (MHz)
−35
−30
−25
−20
−15
−10
90
100
110
120
130
140
150
160
170
180
190
G031
VCC = 3.1V
VCC = 3.3V
VCC = 3.5V
−35
−30
−25
−20
−15
−10
90
100
110
120
130
140
150
160
170
180
190
VCC = 3.1V
VCC = 3.3V
VCC = 3.5V
Frequency (MHz)
G032
−35
−30
−25
−20
−15
−10
90
100
110
120
130
140
150
160
170
180
190
VCC = 3.1V
VCC = 3.3V
VCC = 3.5V
Frequency (MHz)
G033
−35
−30
−25
−20
−15
−10
90
100
110
120
130
140
150
160
170
180
190
VCC = 3.1V
VCC = 3.3V
VCC = 3.5V
Frequency (MHz)
G034
−40
−35
−30
−25
−20
−15
−10
90
100
110
120
130
140
150
160
170
180
190
LNA_ATTN = 0
LAN_ATTN = 3
LNA_ATTN = 6
LAN_ATTN = 9
LNA_ATTN = 12
LAN_ATTN = 15
LNA_ATTN = 18
Frequency (MHz)
G035
−35
−30
−25
−20
−15
−10
−5
0
300
310
320
330
340
350
360
370
380
VCC = 3.1V
VCC = 3.3V
VCC = 3.5V
Frequency (MHz)
G036
TRF2443
SLWS217A – SEPTEMBER 2009 – REVISED SEPTEMBER 2009 ................................................................................................................................... www.ti.com
Measured after transformers (see Application Schematic section). (TJ = 65°C, VCC = 3.3 V, unless otherwise noted)
INPUT RETURN LOSS XPICIN
OUTPUT RETURN LOSS XPICOUT
Figure 93.
Figure 94.
INPUT RETURN LOSS IFIN
OUTPUT RETURN LOSS IFOUT
Figure 95.
Figure 96.
INPUT RETURN LOSS RXIN
vs
LNA_ATT
OUTPUT RETURN LOSS TXOUT
Figure 97.
Figure 98.
30
Submit Documentation Feedback
Copyright © 2009, Texas Instruments Incorporated
Product Folder Link(s): TRF2443



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com