Electronic Components Datasheet Search
  English  ▼

X  

TRF2443IPFPR Datasheet(PDF) 36 Page - Texas Instruments

Click here to check the latest version.
Part # TRF2443IPFPR
Description  Integrated IF Transceiver for Broadband Wireless Applications
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TRF2443IPFPR Datasheet(HTML) 36 Page - Texas Instruments

Back Button TRF2443IPFPR Datasheet HTML 32Page - Texas Instruments TRF2443IPFPR Datasheet HTML 33Page - Texas Instruments TRF2443IPFPR Datasheet HTML 34Page - Texas Instruments TRF2443IPFPR Datasheet HTML 35Page - Texas Instruments TRF2443IPFPR Datasheet HTML 36Page - Texas Instruments TRF2443IPFPR Datasheet HTML 37Page - Texas Instruments TRF2443IPFPR Datasheet HTML 38Page - Texas Instruments TRF2443IPFPR Datasheet HTML 39Page - Texas Instruments TRF2443IPFPR Datasheet HTML 40Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 72 page
background image
TRF2443
SLWS217A – SEPTEMBER 2009 – REVISED SEPTEMBER 2009 ................................................................................................................................... www.ti.com
REGISTER
POWER-ON
SUGGESTED
NAME
DESCRIPTION
4
VALUE
VALUE
Bit26
TXVCO_TRIM_0
0
0
VCO coarse-frequency tuning control (manual mode)
Bit27
TXVCO_TRIM_1
0
0
Bit28
TXVCO_TRIM_2
0
0
Bit29
TXVCO_TRIM_3
0
0
Bit30
TXVCO_TRIM_4
0
0
Bit31
TXVCO_TRIM_5
0
0
SPI1 Register 5
Register address
SPI address
TXPLL bias
RSV
RSV
TXVCO bias
BUF1 bias
Bit0
Bit1
Bit2
Bit3
Bit4
Bit5
Bit6
Bit7
Bit8
Bit9
Bit10
Bit11
Bit12
Bit13
Bit14
Bit15
BUF2 bias
OUTBUF bias
PRESC bias
BIAS
VCO CAL REF
RSV
RSV
RSV
RSV
RSV
RSV
SEL
Bit16
Bit17
Bit18
Bit19
Bit20
Bit21
Bit22
Bit23
Bit24
Bit25
Bit26
Bit27
Bit28
Bit29
Bit30
Bit31
REGISTER
POWER-ON
SUGGESTED
NAME
DESCRIPTION
5
VALUE
VALUE
Bit0
ADDR_0
1
1
Register address bits
Bit1
ADDR_1
0
0
Bit2
ADDR_2
1
1
Bit3
ADDR_3
1
1
SPI address bits
Bit4
ADDR_4
0
0
Bit5
TXPLL_BIAS_0
0
0
TX PLL reference-current control bits. Adjust reference current from
40
µA to 60 µA. Suggested value is 52 µA (100).
Bit6
TXPLL_BIAS_1
0
0
Bit7
TXPLL_BIAS_2
1
1
Bit8
RSV
0
0
Reserved
Bit9
RSV
0
0
Reserved
Bit10
TXVCO_BIAS_0
0
0
TX VCO bias control bits. VCO current can be changed from 10 mA
(0000) to 25 mA (1111), 1-mA step. Suggested value is 18 mA
Bit11
TXVCO_BIAS_1
0
0
(1000).
Bit12
TXVCO_BIAS_2
0
0
Bit13
TXVCO_BIAS_3
1
1
Bit14
TXBUF1_BIAS_0
0
0
It sets the PLL buffer-1 bias from 0.8 mA (00) to 2 mA (11), 0.4-mA
step. Suggested value is 1.6 mA (10).
Bit15
TXBUF1_BIAS_1
1
1
Bit16
TXBUF2_BIAS_0
0
0
It sets the PLL buffer-2 bias from 0.8 mA (00) to 2 mA (11), 0.4-mA
step. Suggested value is 1.6 mA (10).
Bit17
TXBUF2_BIAS_1
1
1
Bit18
TXBUFOUT_BIAS_0
0
0
TXPLL output-buffer reference bias current.
200
µA (00) to 500 µA (11). Suggested value is 400 µA (10).
Bit19
TXBUFOUT_BIAS_1
1
1
Bit20
TXPRES_BIAS_0
1
0
TXPLL prescaler reference bias current. 200
µA (00) to 500 µA (11).
Suggested value is 400
µA (10).
Bit21
TXPRES_BIAS_1
1
1
Bit22
TXVCO_CAL_IB
0
1
Select bias current type for VCO calibration circuitry
1 = PTAT; 0 = constant over temperature
Bit23
TXVCO_CAL_REF_0
0
1
TX VCO calibration reference-voltage trimming.
Bit24
TXVCO_CAL_REF_1
0
1
000
→ 1.175 V
Bit25
TXVCO_CAL_REF_2
0
0
111
→ 2.05 V. Suggested value is 1.55 V (011).
Bit26
RSV
0
0
Reserved
Bit27
RSV
0
0
Reserved
Bit28
RSV
0
0
Reserved
Bit29
RSV
0
0
Reserved
Bit30
RSV
0
0
Reserved
Bit31
RSV
0
0
Reserved
36
Submit Documentation Feedback
Copyright © 2009, Texas Instruments Incorporated
Product Folder Link(s): TRF2443



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com