Electronic Components Datasheet Search
  English  ▼

X  

TRF2443IPFPR Datasheet(PDF) 40 Page - Texas Instruments

Click here to check the latest version.
Part # TRF2443IPFPR
Description  Integrated IF Transceiver for Broadband Wireless Applications
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TRF2443IPFPR Datasheet(HTML) 40 Page - Texas Instruments

Back Button TRF2443IPFPR Datasheet HTML 36Page - Texas Instruments TRF2443IPFPR Datasheet HTML 37Page - Texas Instruments TRF2443IPFPR Datasheet HTML 38Page - Texas Instruments TRF2443IPFPR Datasheet HTML 39Page - Texas Instruments TRF2443IPFPR Datasheet HTML 40Page - Texas Instruments TRF2443IPFPR Datasheet HTML 41Page - Texas Instruments TRF2443IPFPR Datasheet HTML 42Page - Texas Instruments TRF2443IPFPR Datasheet HTML 43Page - Texas Instruments TRF2443IPFPR Datasheet HTML 44Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 72 page
background image
TRF2443
SLWS217A – SEPTEMBER 2009 – REVISED SEPTEMBER 2009 ................................................................................................................................... www.ti.com
SPI2 Register 5
Register address
SPI address
RXPLL BIAS
RSV
RSV
RXVCO BIAS
BUF1 BIAS
Bit0
Bit1
Bit2
Bit3
Bit4
Bit5
Bit6
Bit7
Bit8
Bit9
Bit10
Bit11
Bit12
Bit13
Bit14
Bit15
BUF2 BIAS
OUTBUF BIAS
PRESC BIAS
BIAS SEL
VCO CAL REF
RSV
RSV
RSV
RSV
RSV
RSV
Bit16
Bit17
Bit18
Bit19
Bit20
Bit21
Bit22
Bit23
Bit24
Bit25
Bit26
Bit27
Bit28
Bit29
Bit30
Bit31
REGISTER
POWER-ON
SUGGESTED
NAME
DESCRIPTION
5
VALUE
VALUE
Bit0
ADDR_0
1
1
Register address bits
Bit1
ADDR_1
0
0
Bit2
ADDR_2
1
1
Bit3
ADDR_3
0
0
SPI address bits
Bit4
ADDR_4
1
1
Bit5
RXPLL_BIAS_0
0
0
RX PLL reference-current control bits. Adjust reference current from
40
µA to 60 µA.
Bit6
RXPLL_BIAS_1
0
0
Bit7
RXPLL_BIAS_2
1
1
Bit8
RSV
0
0
Reserved
Bit9
RSV
0
0
Reserved
Bit10
RXVCO_BIAS_0
0
1
RX VCO bias-control bits. VCO current can be changed from 10 mA
(0000) to 25 mA (1111), 1-mA steps.
Bit11
RXVCO_BIAS_1
0
1
Bit12
RXVCO_BIAS_2
0
1
Bit13
RXVCO_BIAS_3
1
1
Bit14
RXBUF1_BIAS_0
0
0
It sets the PLL buffer 1 bias from 0.8 mA (00) to 2 mA (11), 0.4-mA
steps.
Bit15
RXBUF1_BIAS_1
1
1
Bit16
RXBUF2_BIAS_0
0
0
It sets the PLL buffer 2 bias from 0.8 mA (00) to 2 mA (11), 0.4-mA
steps.
Bit17
RXBUF2_BIAS_1
1
1
Bit18
RXBUFOUT_BIAS_0
0
0
RXPLL output-buffer reference bias current. 200
µA (00) to 500 µA
(11)
Bit19
RXBUFOUT_BIAS_1
1
1
Bit20
RXPRES_BIAS_0
1
0
RXPLL prescaler reference bias current. 200
µA (00) to 500 µA (11)
Bit21
RXPRES_BIAS_1
1
1
Bit22
RXVCO_CAL_IB
0
1
Select bias-current type for VCO calibration circuitry; 1 = PTAT; 0 =
constant over temperature
Bit23
RXVCO_CAL_REF_0
0
1
RX VCO calibration reference voltage trimming.
000
→ 1.175 V
Bit24
RXVCO_CAL_REF_1
0
1
111
→ 2.05 V. Suggested value is 1.55 V (011).
Bit25
RXVCO_CAL_REF_2
0
0
Bit26
RSV
0
0
Reserved
Bit27
RSV
0
0
Reserved
Bit28
RSV
0
0
Reserved
Bit29
RSV
0
0
Reserved
Bit30
RSV
0
0
Reserved
Bit31
RSV
0
0
Reserved
40
Submit Documentation Feedback
Copyright © 2009, Texas Instruments Incorporated
Product Folder Link(s): TRF2443



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com