Electronic Components Datasheet Search
  English  ▼

X  

TRF2443IPFPR Datasheet(PDF) 60 Page - Texas Instruments

Click here to check the latest version.
Part # TRF2443IPFPR
Description  Integrated IF Transceiver for Broadband Wireless Applications
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TRF2443IPFPR Datasheet(HTML) 60 Page - Texas Instruments

Back Button TRF2443IPFPR Datasheet HTML 56Page - Texas Instruments TRF2443IPFPR Datasheet HTML 57Page - Texas Instruments TRF2443IPFPR Datasheet HTML 58Page - Texas Instruments TRF2443IPFPR Datasheet HTML 59Page - Texas Instruments TRF2443IPFPR Datasheet HTML 60Page - Texas Instruments TRF2443IPFPR Datasheet HTML 61Page - Texas Instruments TRF2443IPFPR Datasheet HTML 62Page - Texas Instruments TRF2443IPFPR Datasheet HTML 63Page - Texas Instruments TRF2443IPFPR Datasheet HTML 64Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 72 page
background image
POWER ALARM DETECTOR
TX
LO
TX I / Q Modulator
BBI
BBQ
TX Attn
+ Amp
TX OUT
Peak
Detector
Programmable
Threshold
Power
Alarm
Logic
TX Power Alarm
V1
Software
Reset
VCC
Pout
–X dB
norm
Poutnorm
0
TX Mixer
Output
TRF2443
SLWS217A – SEPTEMBER 2009 – REVISED SEPTEMBER 2009 ................................................................................................................................... www.ti.com
The TRF2443 integrates power-alarm indicator circuitry that allows monitoring of the TX output power and
issuing an alarm (PWRDET pin LOW) if the output power goes below a threshold level.
The power-alarm indicator includes a peak detector, a comparator with a programmable threshold level, and
power-alarm logic (see Figure 105).
Figure 105. Block Diagram of the TX Power-Alarm Implementation
The peak detector measures the signal power level at the modulator output and provides a dc level proportional
to the measured level. The peak-detector output is compared to a programmable reference threshold and the
comparator output (V1) goes HIGH if the measured level is below the threshold level (see Figure 106).
Figure 106. Expected Output of the Comparator
60
Submit Documentation Feedback
Copyright © 2009, Texas Instruments Incorporated
Product Folder Link(s): TRF2443



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com