Electronic Components Datasheet Search
  English  ▼

X  

TRF2443IPFPR Datasheet(PDF) 28 Page - Texas Instruments

Click here to check the latest version.
Part # TRF2443IPFPR
Description  Integrated IF Transceiver for Broadband Wireless Applications
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TRF2443IPFPR Datasheet(HTML) 28 Page - Texas Instruments

Back Button TRF2443IPFPR Datasheet HTML 24Page - Texas Instruments TRF2443IPFPR Datasheet HTML 25Page - Texas Instruments TRF2443IPFPR Datasheet HTML 26Page - Texas Instruments TRF2443IPFPR Datasheet HTML 27Page - Texas Instruments TRF2443IPFPR Datasheet HTML 28Page - Texas Instruments TRF2443IPFPR Datasheet HTML 29Page - Texas Instruments TRF2443IPFPR Datasheet HTML 30Page - Texas Instruments TRF2443IPFPR Datasheet HTML 31Page - Texas Instruments TRF2443IPFPR Datasheet HTML 32Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 72 page
background image
PLL TYPICAL CHARACTERISTICS
−160
−150
−140
−130
−120
−110
−100
−90
0.01
0.1
1
100
BW = 2720MHz
Frequency Offset (MHz)
G096
10
TJ = 0°C
TJ = 65°C
TJ = 125°C
−160
−150
−140
−130
−120
−110
−100
−90
0.01
0.1
1
100
BW = 2720MHz
Frequency Offset (MHz)
G097
10
VCC = 3.1V
VCC = 3.3V
VCC = 3.5V
−160
−150
−140
−130
−120
−110
−100
−90
0.01
0.1
1
100
BW = 2240MHz
Frequency Offset (MHz)
G098
10
TJ = 0°C
TJ = 65°C
TJ = 125°C
−160
−150
−140
−130
−120
−110
−100
−90
0.01
0.1
1
100
BW = 2240MHz
Frequency Offset (MHz)
G099
10
VCC = 3.1V
VCC = 3.3V
VCC = 3.5V
TRF2443
SLWS217A – SEPTEMBER 2009 – REVISED SEPTEMBER 2009 ................................................................................................................................... www.ti.com
Measured at TXLOTEST pin (6) and RXLOTEST pin (53). Charge-pump current = 1 mA, PFD frequency = 20 MHz, loop filter
optimized (see Application Schematic section). (TJ = 65°C, VCC = 3.3 V, unless otherwise noted)
TX VCO PHASE NOISE
TX VCO PHASE NOISE
Figure 83.
Figure 84.
RX VCO PHASE NOISE
RX VCO PHASE NOISE
Figure 85.
Figure 86.
28
Submit Documentation Feedback
Copyright © 2009, Texas Instruments Incorporated
Product Folder Link(s): TRF2443



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com