Electronic Components Datasheet Search
  English  ▼

X  

TRF2443IPFPR Datasheet(PDF) 34 Page - Texas Instruments

Click here to check the latest version.
Part # TRF2443IPFPR
Description  Integrated IF Transceiver for Broadband Wireless Applications
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TRF2443IPFPR Datasheet(HTML) 34 Page - Texas Instruments

Back Button TRF2443IPFPR Datasheet HTML 30Page - Texas Instruments TRF2443IPFPR Datasheet HTML 31Page - Texas Instruments TRF2443IPFPR Datasheet HTML 32Page - Texas Instruments TRF2443IPFPR Datasheet HTML 33Page - Texas Instruments TRF2443IPFPR Datasheet HTML 34Page - Texas Instruments TRF2443IPFPR Datasheet HTML 35Page - Texas Instruments TRF2443IPFPR Datasheet HTML 36Page - Texas Instruments TRF2443IPFPR Datasheet HTML 37Page - Texas Instruments TRF2443IPFPR Datasheet HTML 38Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 72 page
background image
TRF2443
SLWS217A – SEPTEMBER 2009 – REVISED SEPTEMBER 2009 ................................................................................................................................... www.ti.com
SPI1 Register 2
Register address
SPI address
TX N-divider value
Bit0
Bit1
Bit2
Bit3
Bit4
Bit5
Bit6
Bit7
Bit8
Bit9
Bit10
Bit11
Bit12
Bit13
Bit14
Bit15
TX N-divider value
RSV
DIV 8–16
CAL clock divider
CAL SEL
EN CAL
Bit16
Bit17
Bit18
Bit19
Bit20
Bit21
Bit22
Bit23
Bit24
Bit25
Bit26
Bit27
Bit28
Bit29
Bit30
Bit31
REGISTER
POWER-ON
SUGGESTED
NAME
DESCRIPTION
2
VALUE
VALUE
Bit0
ADDR_0
0
0
Register address bits
Bit1
ADDR_1
1
1
Bit2
ADDR_2
0
0
Bit3
ADDR_3
1
1
SPI address bits
Bit4
ADDR_4
0
0
Bit5
TX_NINT_0
0
App. specific
TX PLL N-divider division setting
Power-On value = 68 (<0000 0000 0100 0100)
→
Bit6
TX_NINT_1
0
App. specific
fVCO = 2720 MHz (with fPFD = 20 MHz)
Bit7
TX_NINT_2
1
App. specific
fout = 340 MHz
Bit8
TX_NINT_3
0
App. specific
(minimum value Nmin = 56;
maximum value Nmax = 65,535)
Bit9
TX_NINT_4
0
App. specific
Bit10
TX_NINT_5
0
App. specific
Bit11
TX_NINT_6
1
App. specific
Bit12
TX_NINT_7
0
App. specific
Bit13
TX_NINT_8
0
App. specific
Bit14
TX_NINT_9
0
App. specific
Bit15
TX_NINT_10
0
App. specific
Bit16
TX_NINT_11
0
App. specific
Bit17
TX_NINT_12
0
App. specific
Bit18
TX_NINT_13
0
App. specific
Bit19
TX_NINT_14
0
App. specific
Bit20
TX_NINT_15
0
App. specific
Bit21
RSV
0
0
Reserved
Bit22
RSV
0
0
Reserved
Bit23
RSV
0
0
Reserved
Bit24
RSV
0
0
Reserved
Bit25
RSV
1
1
Reserved
Bit26
TXDIV_SEL
1
1
TX VCO divider selection (1 = divide by 8; 0 = divide by 16)
Bit27
TXCAL_CLK_0
1
1
Set the clock speed used in the TX VCO frequency autocalibration.
The clock is derived from the reference clock through a frequency
Bit28
TXCAL_CLK_1
0
0
divider.
Bit29
TXCAL_CLK_2
1
1
Bit30
TXCAL_SEL
0
1
Select the TX VCO frequency calibration mode (1 = autocalibration;
0 = manual)
Bit31
EN_TXCAL
0
1
Enable TX VCO frequency autocalibration (1
→ start)
34
Submit Documentation Feedback
Copyright © 2009, Texas Instruments Incorporated
Product Folder Link(s): TRF2443



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com