Electronic Components Datasheet Search
  English  ▼

X  

TRF2443IPFPR Datasheet(PDF) 59 Page - Texas Instruments

Click here to check the latest version.
Part # TRF2443IPFPR
Description  Integrated IF Transceiver for Broadband Wireless Applications
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TRF2443IPFPR Datasheet(HTML) 59 Page - Texas Instruments

Back Button TRF2443IPFPR Datasheet HTML 55Page - Texas Instruments TRF2443IPFPR Datasheet HTML 56Page - Texas Instruments TRF2443IPFPR Datasheet HTML 57Page - Texas Instruments TRF2443IPFPR Datasheet HTML 58Page - Texas Instruments TRF2443IPFPR Datasheet HTML 59Page - Texas Instruments TRF2443IPFPR Datasheet HTML 60Page - Texas Instruments TRF2443IPFPR Datasheet HTML 61Page - Texas Instruments TRF2443IPFPR Datasheet HTML 62Page - Texas Instruments TRF2443IPFPR Datasheet HTML 63Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 72 page
background image
APPLICATION INFORMATION
POWER SUPPLY RAMP-UP PROCEDURE
TRF2443 SPI INITIALIZATION SEQUENCE
EEPROM
Initialize RX PLL (SPI-2)
Initialize TX PLL (SPI-1)
Initialize RX and TX
TRF2443
www.ti.com ................................................................................................................................... SLWS217A – SEPTEMBER 2009 – REVISED SEPTEMBER 2009
In order to assure the correct functionality of the TRF2443 internal registers, it is important to ramp up the
VCCREF power supply at the same time as or before VCCSPI. If VCCREF is powered before VCCSPI, the
EEPROM contents could potentially be erased.
In order to ensure proper operation of the TRF2443, it is important to program the IC through the SPI in a
particular manner. How to do this is the scope of this section. The chip initialization can be broken down into four
parts:
• Acquire information from EEPROM needed for subsequent initializations
• Initialize receiver PLL (SPI-2)
• Initialize transmitter PLL (SPI-1)
• Initialize receiver and transmitter (SPI-3)
There is information stored in the EEPROM that is available to the user to program the TRF2443 into an optimal
state. If desired, the user must first read this information from the EEPROM and make it available for subsequent
SPI programming. See the application note (SLWU064) on how to access EEPROM information.
Write registers 4, 5, 1, and 2 of SPI-2 in this order. Register 2 is the last register to be written because register 2
starts the RX VCO calibration and PLL lock. The time required for this calibration to complete is 12 cycles of the
calibration frequency. The calibration frequency is the external reference frequency divided by the RX_CAL
CLK<2,0> (SPI-2, register 2, B<29,27>) setting. With a 20-MHz external reference and RX_CAL CLK<2,0> =
<111> corresponding to a divider ratio of 16,684, this calibration frequency is 1.2 kHz. Therefore, the calibration
requires 10 ms. The user should set the external reference frequency and the RX_CAL CLK<2,0> setting to
ensure that the calibration frequency does not exceed 800 kHz. Subsequent register writes to SPI-1 and SPI-3
do not affect the RX VCO calibration and can begin immediately on the next SPI clock cycle.
Write registers 4, 5, 1, and 2 of SPI-1 in this order. Register 2 is the last register to be written because register 2
starts the TX VCO calibration and PLL lock. The time required for this calibration to complete is 11 cycles of the
calibration frequency. The calibration frequency is the external reference frequency divided by the TX_CAL
CLK<2,0> (SPI-1, register 2, B<29,27>) setting. With a 20-MHz external reference and TX_CAL CLK<2,0> =
<111>, corresponding to a divider ratio of 16,684, this calibration frequency is 1.2 kHz. Therefore, this calibration
requires 9.2 ms. The user should set the external reference frequency and the TX_CAL CLK<2,0> setting to
ensure that the calibration frequency does not exceed 800 kHz. Subsequent register writes to SPI-3 do not affect
the TX VCO calibration and can begin immediately on the next SPI clock cycle.
Write registers 6, 3, 7, 4, 2, 5, 1, and 1 again of SPI-3 in this order. Register 5 starts the RX dc offset calibration.
Register 1 follows register 5 and can be written immediately on the next SPI clock cycle, because its content
does not affect the RX dc-offset calibration. Register 1 is written last because it contains the PWD_TX bit (SPI-3,
register 1, B<5>). This ensures that all the other parameters of the TX are set up correctly before the transmitter
is enabled. However, the power alarm circuitry (See the Power Alarm Detector section) is reset from register 1 by
DET_RESET (SPI-3, register 1, B<20>). Because the TX is enabled at the same time the power alarm circuitry is
reset, there exists a race condition which could cause the power alarm to be in either state. To ensure that the
power alarm is properly armed, the DET_RESET (SPI-3, register 1, B<20>) bit should be resent after the
transmitter has been enabled. To do this, register 1 is written a second time.
Copyright © 2009, Texas Instruments Incorporated
Submit Documentation Feedback
59
Product Folder Link(s): TRF2443



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com