Electronic Components Datasheet Search
  English  ▼

X  

TRF2443IPFPR Datasheet(PDF) 66 Page - Texas Instruments

Click here to check the latest version.
Part # TRF2443IPFPR
Description  Integrated IF Transceiver for Broadband Wireless Applications
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TRF2443IPFPR Datasheet(HTML) 66 Page - Texas Instruments

Back Button TRF2443IPFPR Datasheet HTML 62Page - Texas Instruments TRF2443IPFPR Datasheet HTML 63Page - Texas Instruments TRF2443IPFPR Datasheet HTML 64Page - Texas Instruments TRF2443IPFPR Datasheet HTML 65Page - Texas Instruments TRF2443IPFPR Datasheet HTML 66Page - Texas Instruments TRF2443IPFPR Datasheet HTML 67Page - Texas Instruments TRF2443IPFPR Datasheet HTML 68Page - Texas Instruments TRF2443IPFPR Datasheet HTML 69Page - Texas Instruments TRF2443IPFPR Datasheet HTML 70Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 72 page
background image
APPLICATION SCHEMATIC
+3.3V
+3.3V
+3.3V
+3.3V
+3.3V
+3.3V
+3.3V
RXAGC
XPICAGC
RXIN
TXOUT (340MHz)
REFIN
TEMPOUT
XPICOUT
50 OHM DIFF
50 OHM DIFF
50 OHM
200 OHM DIFF
50 OHM
F=2240MHZ
LBW=100KHZ
F=2720MHz
LBW=100kHz
TX MIXER LOAD (340MHz)
50 ohm
39nH
39nH
0.1uF
0.1uF
220pF
82nH
82nH
680pF
220pF
220pF
82nH
82nH
68nH
68nH
220pF
0.1uF
0.1uF
47pF
1nF
82nH
82nH
15pF
15pF
15pF
15pF
220pF
220pF
68nH
68nH
100pF
100pF
15pF
15pF
220pF
220pF
590 ohm
590 ohm
15pF
1000pF
1000pF
1
2
56pF
220pF
220pF
56pF
100pF
100pF
5K ohm
39nH
39nH
1.25K ohm
560pF
0.1uF
0.1uF
220pF
220pF
TRF2443 QFP
IFOUTN
62
IFOUTP
63
RDBKSPI
64
RXAGC
65
GND
66
RXINP
68
RXINN
69
GNDRX
70
GNDRX
71
CLKSPI
73
DATASPI
74
VCCSPI
75
VCCTX
76
TXOUTP
77
TXOUTN
78
GNDTX
79
TXBBIN
21
TXBBIP
22
GNDXPIC
23
XPICBBCM
24
XPICBBQN
25
XPICBBQP
26
XPICBBIN
27
XPICBBIP
28
VCCXPIC
29
XPICAGC
30
VCCXPIC2
33
XPICINN
34
XPICINP
35
TEMPOUT
37
LDCAP
38
RXBBCM
40
GND
32
GNDRX3
61
VCCRX
67
LESPI
72
GND
31
GNDTX2
80
GND
36
GND
39
1000pF
1000pF
1K ohm
0.1uF
0.1uF
22pF
22pF
82nH
82nH
220pF
100pF
100pF
4K ohm
IF Saw Filter
TRF2443
SLWS217A – SEPTEMBER 2009 – REVISED SEPTEMBER 2009 ................................................................................................................................... www.ti.com
Figure 110. TRF2443 Application Schematic
Table 12. Pin Termination Requirements/Limitations
NAME
PIN
DESCRIPTION
IFOUTN/IFOUTP
62, 63
IFVGA1 open-collector output terminals. A pullup inductor from each pin to the power supply is required.
GND
18
Ground pin shorted to package thermal pad. To be connected to the same ground plane as GNDREFIN
(pin 17).
IFINP/IFINN
57, 58
IFVGA2 differential input pins internally matched to 50
Ω.
LDCAP
38
Lock-detector capacitor pin. The size of capacitor on this pin sets the time constant of the lock-detect
circuit. Suggested value for 20-MHz PFD frequency: connect a 1-nF capacitor to ground on this pin
(10-
µs deglitch time).
MIXINDN/
2, 3
TX IQ modulator open-collector load terminals. A pullup inductor from each pin to the power supply is
MIXINDP
required. A shunt load resistor is required.
PWRDET,
4, 5, 64
TRF2443 digital output pins can sink/source up to 8 mA of current.
LOCKDET,
RDBKSPI
REFIN
16
PLL reference clock input. External ac-coupling capacitor required, as pin is internally dc-coupled.
66
Submit Documentation Feedback
Copyright © 2009, Texas Instruments Incorporated
Product Folder Link(s): TRF2443



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com