Electronic Components Datasheet Search
  English  ▼

X  

TRF2443IPFPR Datasheet(PDF) 44 Page - Texas Instruments

Click here to check the latest version.
Part # TRF2443IPFPR
Description  Integrated IF Transceiver for Broadband Wireless Applications
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TRF2443IPFPR Datasheet(HTML) 44 Page - Texas Instruments

Back Button TRF2443IPFPR Datasheet HTML 40Page - Texas Instruments TRF2443IPFPR Datasheet HTML 41Page - Texas Instruments TRF2443IPFPR Datasheet HTML 42Page - Texas Instruments TRF2443IPFPR Datasheet HTML 43Page - Texas Instruments TRF2443IPFPR Datasheet HTML 44Page - Texas Instruments TRF2443IPFPR Datasheet HTML 45Page - Texas Instruments TRF2443IPFPR Datasheet HTML 46Page - Texas Instruments TRF2443IPFPR Datasheet HTML 47Page - Texas Instruments TRF2443IPFPR Datasheet HTML 48Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 72 page
background image
TRF2443
SLWS217A – SEPTEMBER 2009 – REVISED SEPTEMBER 2009 ................................................................................................................................... www.ti.com
LNA_ATT<4,0>: RX LNA attenuation setting. The LNA has 19 dB of gain range in 1-dB steps, as shown in
Table 6.
Table 6. LNA Attenuation and Gain vs LNA_ATT<4,0>
LNA_ATT<4,0>
LNA ATTENUATION (dB)
LNA GAIN (dB)
<0 0000>
0
17
<00001>
1
16
<0 0010>
2
15
<0 0011>
3
14
<0 0100>
4
13
<0 0101>
5
12
<0 0110>
6
11
<0 0111>
7
10
<0 1000>
8
9
<0 1001>
9
8
<0 1010>
10
7
<0 1011>
11
6
<0 1100>
12
5
<0 1101>
13
4
<0 1110>
14
3
<0 1111>
15
2
<1 0000>
16
1
<1 0001>
17
0
<1 0010>
18
–1
<1 0011>
19
–2
EN_SAW (bit 10): It enables the external IF path (through the SAW filter) for the signal. When it is 1, the IFVGA1
output buffer (pins 2 and 3) and IFVGA2 input buffer (pins 62 and 63) are on, and the internal connection
between the two VGAs is off (see Figure 101).
RXBB_GAIN<4,0>: RX baseband-amplifier gain setting. There are 25 gain settings (0 to 24) in 1-dB increments.
<1 1000> = maximum gain (33 dB). To set a new gain, the following formula can be used:
gain_setting = wanted_gain – 9.
Example: Wanted gain = 22 dB
→ New gain setting = 22 – 9 = 13 = <0 1101>
RXBB_FREQ<6,0>: RX baseband-filter cutoff-frequency control. All 1s sets the filter to its minimum pass band;
whereas all 0s sets the filter to its maximum cutoff frequency.
PWD_RX (bit 25): When it is 1, the entire RX chain is off.
PWD_XPIC (bit 26): When it is 1, XPIC (RX chain and output amplifier) is off.
XPICBB_GAIN<4,0>: XPIC baseband-amplifier gain setting. There are 13 gain settings (0 to 12) in 1-dB
increments; <0 0000> = minimum gain (9 dB) and <0 1100> = maximum gain (21 dB). To set a new gain, the
following formula can be used:
gain_setting = wanted_gain – 9.
Example: Wanted gain = 12 dB
→ New gain setting = 12 – 9 = 3 = <0 0011>
44
Submit Documentation Feedback
Copyright © 2009, Texas Instruments Incorporated
Product Folder Link(s): TRF2443



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com