Electronic Components Datasheet Search
  English  ▼

X  

TRF2443IPFPR Datasheet(PDF) 51 Page - Texas Instruments

Click here to check the latest version.
Part # TRF2443IPFPR
Description  Integrated IF Transceiver for Broadband Wireless Applications
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TRF2443IPFPR Datasheet(HTML) 51 Page - Texas Instruments

Back Button TRF2443IPFPR Datasheet HTML 47Page - Texas Instruments TRF2443IPFPR Datasheet HTML 48Page - Texas Instruments TRF2443IPFPR Datasheet HTML 49Page - Texas Instruments TRF2443IPFPR Datasheet HTML 50Page - Texas Instruments TRF2443IPFPR Datasheet HTML 51Page - Texas Instruments TRF2443IPFPR Datasheet HTML 52Page - Texas Instruments TRF2443IPFPR Datasheet HTML 53Page - Texas Instruments TRF2443IPFPR Datasheet HTML 54Page - Texas Instruments TRF2443IPFPR Datasheet HTML 55Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 72 page
background image
READBACK MODE
32nd
Write
clock
pulse
1st Read
clock pulse
2nd Read
clock pulse
32nd Read
clock pulse
33rd Read
clock pulse
“End of Write Cycle”
pulse
ReadBack
Data Bit31
Read
Back
Data
Bit1
Read
Back
Data
Bit29
ReadBack
Data Bit30
ReadBack
Data Bit0
CLOCK
READBACK
DATA
t
d
t
su2
t
w
LATCH
ENABLE
1st Write
clock
pulse
t
su1
t
h
t
(CLK)
32nd
Writes
clock
pulse
DB2
Address Bit2
DB1
Address Bit1
CLOCK
DATA
t
(CL)
t
(CH)
LATCH
ENABLE
DB3
Address Bit3
t
w
t
su2
t
su3
DB0 (LSB)
Address Bit0
DB29
DB30
DB31 (MSB)
TRF2443
www.ti.com ................................................................................................................................... SLWS217A – SEPTEMBER 2009 – REVISED SEPTEMBER 2009
Table 8. TX Power-Detector Response-Time Delay vs
PWRDET_DEL<1,0>
PWRDET_DEL
DET DELAY
00
5
µs
01
10
µs
10
20
µs
11
40
µs
PWRDET<2,0>: TX power-detector threshold-level control
The TRF2443 implements the capability to read back the content of the serial programming-interface registers.
Each readback is composed of two phases:
1. Writing a request to read back data
2. Reading the actual data of the internal registers (see timing diagram in Figure 100).
During the writing phase, a command is sent to the TRF2443 to set it in readback mode and to specify which
register is to be read. In the proper reading phase, at each rising clock edge, the internal data is transferred to
the RDBKSPI pin and can be read at the following falling edge (LSB first). The first clock after the LE goes high
(end of writing cycle) is idle, and the following 32 clock pulses transfer the internal register content to the
RDBKSPI pin.
Figure 100. SPI Readback Timing Diagram
Copyright © 2009, Texas Instruments Incorporated
Submit Documentation Feedback
51
Product Folder Link(s): TRF2443



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com