Electronic Components Datasheet Search
  English  ▼

X  

TRF2443IPFPR Datasheet(PDF) 18 Page - Texas Instruments

Click here to check the latest version.
Part # TRF2443IPFPR
Description  Integrated IF Transceiver for Broadband Wireless Applications
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TRF2443IPFPR Datasheet(HTML) 18 Page - Texas Instruments

Back Button TRF2443IPFPR Datasheet HTML 14Page - Texas Instruments TRF2443IPFPR Datasheet HTML 15Page - Texas Instruments TRF2443IPFPR Datasheet HTML 16Page - Texas Instruments TRF2443IPFPR Datasheet HTML 17Page - Texas Instruments TRF2443IPFPR Datasheet HTML 18Page - Texas Instruments TRF2443IPFPR Datasheet HTML 19Page - Texas Instruments TRF2443IPFPR Datasheet HTML 20Page - Texas Instruments TRF2443IPFPR Datasheet HTML 21Page - Texas Instruments TRF2443IPFPR Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 72 page
background image
−3.0
−2.5
−2.0
−1.5
−1.0
−0.5
0.0
0.5
1.0
1.5
2.0
2.5
3.0
0
2
4
6
8
10
12
14
16
18
20
22
24
TJ = 0°C
TJ = 65°C
TJ = 125°C
RXBB Gain Setting (SPI-3, REG2<15,11>)
G088
−3.0
−2.5
−2.0
−1.5
−1.0
−0.5
0.0
0.5
1.0
1.5
2.0
2.5
3.0
0
2
4
6
8
10
12
14
16
18
20
22
24
VCC = 3.1V
VCC = 3.3V
VCC = 3.5V
RXBB Gain Setting (SPI-3, REG2<15,11>)
G089
TRF2443
SLWS217A – SEPTEMBER 2009 – REVISED SEPTEMBER 2009 ................................................................................................................................... www.ti.com
RECEIVER TYPICAL CHARACTERISTICS (continued)
fin= 140 MHz (TJ = 65°C, VCC = 3.3 V, unless otherwise noted)
RX BASEBAND CUMULATIVE GAIN ERROR
RX BASEBAND CUMULATIVE GAIN ERROR
vs
vs
RXBB GAIN SETTING
RXBB GAIN SETTING
Figure 34.
Figure 35.
18
Submit Documentation Feedback
Copyright © 2009, Texas Instruments Incorporated
Product Folder Link(s): TRF2443



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com