Electronic Components Datasheet Search
  English  ▼

X  

TRF2443IPFPR Datasheet(PDF) 37 Page - Texas Instruments

Click here to check the latest version.
Part # TRF2443IPFPR
Description  Integrated IF Transceiver for Broadband Wireless Applications
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TRF2443IPFPR Datasheet(HTML) 37 Page - Texas Instruments

Back Button TRF2443IPFPR Datasheet HTML 33Page - Texas Instruments TRF2443IPFPR Datasheet HTML 34Page - Texas Instruments TRF2443IPFPR Datasheet HTML 35Page - Texas Instruments TRF2443IPFPR Datasheet HTML 36Page - Texas Instruments TRF2443IPFPR Datasheet HTML 37Page - Texas Instruments TRF2443IPFPR Datasheet HTML 38Page - Texas Instruments TRF2443IPFPR Datasheet HTML 39Page - Texas Instruments TRF2443IPFPR Datasheet HTML 40Page - Texas Instruments TRF2443IPFPR Datasheet HTML 41Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 72 page
background image
RX Synthesizer SPI registers
TRF2443
www.ti.com ................................................................................................................................... SLWS217A – SEPTEMBER 2009 – REVISED SEPTEMBER 2009
SPI2 Register 1
Register address
SPI address
RX reference divider
Bit0
Bit1
Bit2
Bit3
Bit4
Bit5
Bit6
Bit7
Bit8
Bit9
Bit10
Bit11
Bit12
Bit13
Bit14
Bit15
—
REF
VCO
RX charge-pump current
RX CP
RSV
RSV
CP
CP
CP
INV
NEG
DOUBLE
OFF
UP
DN
Bit16
Bit17
Bit18
Bit19
Bit20
Bit21
Bit22
Bit23
Bit24
Bit25
Bit26
Bit27
Bit28
Bit29
Bit30
Bit31
REGISTER
POWER-ON
SUGGESTED
NAME
DESCRIPTION
1
VALUE
VALUE
Bit0
ADDR_0
1
1
Register address bits
Bit1
ADDR_1
0
0
Bit2
ADDR_2
0
0
Bit3
ADDR_3
0
0
SPI address bits
Bit4
ADDR_4
1
1
Bit5
RXRDIV_0
0
App. specific
Bit6
RXRDIV_1
0
App. specific
14-bit reference-divider value
(minimum value Rmin = 1;
Bit7
RXRDIV_2
0
App. specific
maximum value Rmax = 16,383)
Bit8
RXRDIV_3
0
App. specific
Bit9
RXRDIV_4
0
App. specific
Bit10
RXRDIV_5
0
App. specific
Bit11
RXRDIV_6
0
App. specific
Bit12
RXRDIV_7
0
App. specific
Bit13
RXRDIV_8
0
App. specific
Bit14
RXRDIV_9
0
App. specific
Bit15
RXRDIV_10
0
App. specific
Bit16
RXRDIV_11
0
App. specific
Bit17
RXRDIV_12
0
App. specific
Bit18
RXRDIV_13
0
App. specific
Bit19
RXREF_INV
0
0
Invert reference-clock polarity; 1 = use falling edge
Bit20
RXNEG_VCO
1
1
VCO polarity control; 1 = negative slope (negative Kv)
Bit21
RXICP_0
0
0
Program charge-pump dc current, ICP from 0.5 mA (1 1111) to 2 mA
(0 0000); default value 1 mA (0 1010)
Bit22
RXICP_1
1
1
Bit23
RXICP_2
0
0
Bit24
RXICP_3
1
1
Bit25
RXICP_4
0
0
Bit26
RXICPDOUBLE
0
0
1 = set ICP to double the current
Bit27
RSV
0
0
Reserved
Bit28
RSV
0
0
Reserved
Bit29
RXCP_OVERRIDE
0
0
1 = disable charge pump
Bit30
RXCP_UP
0
0
1 = enable the charge-pump source current in disable mode
Bit31
RXCP_DN
0
0
1 = enable the charge-pump sink current in disable mode
SPI2 REGISTER 2
Register address
SPI address
RX N-divider value
Bit0
Bit1
Bit2
Bit3
Bit4
Bit5
Bit6
Bit7
Bit8
Bit9
Bit10
Bit11
Bit12
Bit13
Bit14
Bit15
DIV
CAL
EN
RX N-divider value
RSV
CAL clock divider
8–16
SEL
CAL
Bit16
Bit17
Bit18
Bit19
Bit20
Bit21
Bit22
Bit23
Bit24
Bit25
Bit26
Bit27
Bit28
Bit29
Bit30
Bit31
Copyright © 2009, Texas Instruments Incorporated
Submit Documentation Feedback
37
Product Folder Link(s): TRF2443



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com