Electronic Components Datasheet Search
  English  ▼

X  

TRF2443IPFPR Datasheet(PDF) 25 Page - Texas Instruments

Click here to check the latest version.
Part # TRF2443IPFPR
Description  Integrated IF Transceiver for Broadband Wireless Applications
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TRF2443IPFPR Datasheet(HTML) 25 Page - Texas Instruments

Back Button TRF2443IPFPR Datasheet HTML 21Page - Texas Instruments TRF2443IPFPR Datasheet HTML 22Page - Texas Instruments TRF2443IPFPR Datasheet HTML 23Page - Texas Instruments TRF2443IPFPR Datasheet HTML 24Page - Texas Instruments TRF2443IPFPR Datasheet HTML 25Page - Texas Instruments TRF2443IPFPR Datasheet HTML 26Page - Texas Instruments TRF2443IPFPR Datasheet HTML 27Page - Texas Instruments TRF2443IPFPR Datasheet HTML 28Page - Texas Instruments TRF2443IPFPR Datasheet HTML 29Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 72 page
background image
0.5
0.6
0.7
0.8
0.9
1.0
1.1
1.2
1.3
1.4
1.5
0
5
10
15
20
25
30
35
TJ = 0°C
TJ = 65°C
TJ = 125°C
TX Attenuation Setting (SPI-3, REG1<12,6>)
G049
fOUT = 340MHz
0.5
0.6
0.7
0.8
0.9
1.0
1.1
1.2
1.3
1.4
1.5
0
5
10
15
20
25
30
35
VCC = 3.1V
VCC = 3.3V
VCC = 3.5V
TX Attenuation Setting (SPI-3, REG1<12,6>)
G050
fOUT = 340MHz
−0.5
−0.4
−0.3
−0.2
−0.1
0.0
0.1
0.2
0.3
0.4
0.5
0
5
10
15
20
25
30
35
TJ = 0°C
TJ = 65°C
TJ = 125°C
TX Attenuation Setting (SPI-3, REG1<12,6>)
G090
fOUT = 340MHz
−0.5
−0.4
−0.3
−0.2
−0.1
0.0
0.1
0.2
0.3
0.4
0.5
0
5
10
15
20
25
30
35
VCC = 3.1V
VCC = 3.3V
VCC = 3.5V
TX Attenuation Setting (SPI-3, REG1<12,6>)
G091
fOUT = 340MHz
30
35
40
45
50
55
60
0
5
10
15
20
25
30
35
TJ = 0°C
TJ = 65°C
TJ = 125°C
TX Attenuation Setting (SPI-3, REG1<12,6>)
G051
fOUT = 340MHz
30
35
40
45
50
55
60
0
5
10
15
20
25
30
35
VCC = 3.1V
VCC = 3.3V
VCC = 3.5V
TX Attenuation Setting (SPI-3, REG1<12,6>)
G052
fOUT = 340MHz
TRF2443
www.ti.com ................................................................................................................................... SLWS217A – SEPTEMBER 2009 – REVISED SEPTEMBER 2009
TRANSMITTER TYPICAL CHARACTERISTICS (continued)
Measured after the transformer (0.7-dB insertion loss) and with a TXBBI/TXBBQ input level of –23 dBVrms (TJ = 65°C,
VCC = 3.3 V, unless otherwise noted)
TX 1-dB GAIN STEP
TX 1-dB GAIN STEP
vs
vs
TX ATTENUATION SETTING
TX ATTENUATION SETTING
Figure 68.
Figure 69.
TX CUMULATIVE GAIN ERROR
TX CUMULATIVE GAIN ERROR
vs
vs
TX ATTENUATION SETTING
TX ATTENUATION SETTING
Figure 70.
Figure 71.
UNCALIBRATED TX SIDEBAND SUPPRESSION
UNCALIBRATED TX SIDEBAND SUPPRESSION
vs
vs
TX ATTENUATION SETTING
TX ATTENUATION SETTING
Figure 72.
Figure 73.
Copyright © 2009, Texas Instruments Incorporated
Submit Documentation Feedback
25
Product Folder Link(s): TRF2443



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com