Electronic Components Datasheet Search
  English  ▼

X  

TRF2443IPFPR Datasheet(PDF) 57 Page - Texas Instruments

Click here to check the latest version.
Part # TRF2443IPFPR
Description  Integrated IF Transceiver for Broadband Wireless Applications
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TRF2443IPFPR Datasheet(HTML) 57 Page - Texas Instruments

Back Button TRF2443IPFPR Datasheet HTML 53Page - Texas Instruments TRF2443IPFPR Datasheet HTML 54Page - Texas Instruments TRF2443IPFPR Datasheet HTML 55Page - Texas Instruments TRF2443IPFPR Datasheet HTML 56Page - Texas Instruments TRF2443IPFPR Datasheet HTML 57Page - Texas Instruments TRF2443IPFPR Datasheet HTML 58Page - Texas Instruments TRF2443IPFPR Datasheet HTML 59Page - Texas Instruments TRF2443IPFPR Datasheet HTML 60Page - Texas Instruments TRF2443IPFPR Datasheet HTML 61Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 72 page
background image
Calibrating TRF2443 TX and RX VCO
Synthesizer Lock-Detector Indicator
TRF2443
www.ti.com ................................................................................................................................... SLWS217A – SEPTEMBER 2009 – REVISED SEPTEMBER 2009
where:
N: division ratio of the N-divider
R: division ratio of the R-divider
K: multiplier factor; k = 1 for RX synthesizer; k = 2 for the TX synthesizer.
Knowing the fRef, it is possible to calculate the required N and R values to synthesize any output frequency within
the VCO frequency range.
Example
Suppose we want to synthesize the TX LO to be 340 MHz and the input reference frequency is 20 MHz.
LOTX = 340 MHz
fRef = 20 MHz
fVCO-TX = 2720 MHz (8 × LOTX)
Because fVCO-TX is an integer multiple of fRef, we can set the R divider to 1.
R = 1
N = fVCO-TX / (k × fRef) × R = 68
Then the TRF2443 SPI can be programmed as follows:
R = 1
→ TXRDIV<13,0> = <00 0000 0000 0001> (SPI-1, register 1, B<18,5>)
N = 68
→ TX_NINT<15,0> = <0000 0000 0100 0100> (SPI-1, register 2, B<20,5>)
LO divider set to 8
→ TXDIV_SEL = 1 (SPI-1, register 2, B<26>).
Both TRF2443 VCOs are based on a cross-coupled LC tank architecture. The tank is composed of a high-Q
integrated spiral inductor, a varactor, and an array of capacitors which is digitally controlled. To tune the VCO to
a certain frequency, the correct configuration for the array of capacitors is required. The capacitor array can be
configured automatically or manually.
The calibration mode is controlled by TXCAL_SEL (SPI-1, register 2, B<30>) for the TX VCO and by
RXCAL_SEL (SPI-2, register 2, B<30>) for the RX VCO. Setting these two bits to 1 selects the automatic
calibration mode. The calibration starts when EN_TXCAL (SPI-1, register 2, B<31>) and/or EN_RXCAL (SPI-2,
register 2, B<31>) are toggled to 1. The calibration speed is controlled by a clock derived from the reference
clock through a frequency divider, whose division ratio can be programmed with TXCAL_CLK<2,0> (SPI-1,
register 2, B<29,27>) and RXCAL_CLK<2,0> (SPI-2, register 2, B<29,27>). The suggested value of
TXCAL_CLK<2,0> and RXCAL_CLK<2,0> = <101>, which corresponds to a divider value of 1024 and a clock
speed of 20 MHz.
The manual-mode calibration, used mainly for debugging purposes, is activated by setting TXCAL_SEL (SPI-1,
register 2, B<30>) and or RXCAL_SEL (SPI-2, register 2, B<30>) to 0. In this mode, the capacitor array setting is
controlled by TXVCO_TRIM<5,0> (SPI-1, register 4, B<31,26>) for the TX VCO and RXVCO_TRIM<6,0> (SPI-2,
register 4, B<31,26>) for the RX VCO.
The TRF2443 integrates a PLL lock-detector circuit. When both the TX and RX synthesizers are locked,
LOCKDET (pin 5) goes high. The settling time of the lock-detector circuitry can be set externally by sizing the
capacitor placed between LDCAP (pin 38) and ground. The size of capacitor on this pin sets the time constant
Tld of the lock detect circuit. If either the TX PLL or the RX PLL lock-detect circuit indicates a loss of lock, the
LOCKDET pin goes low immediately.
If the lock-detect circuits of the TX and the RX PLLs have not indicated a loss of lock for a time > Tld, the
LOCKDET pin goes high. For a 20-MHz PFD frequency, a 1-nF capacitor is suggested, corresponding to a 10-
µs
deglitch time.
Copyright © 2009, Texas Instruments Incorporated
Submit Documentation Feedback
57
Product Folder Link(s): TRF2443



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com