Electronic Components Datasheet Search
  English  ▼

X  

TRF2443IPFPR Datasheet(PDF) 23 Page - Texas Instruments

Click here to check the latest version.
Part # TRF2443IPFPR
Description  Integrated IF Transceiver for Broadband Wireless Applications
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TRF2443IPFPR Datasheet(HTML) 23 Page - Texas Instruments

Back Button TRF2443IPFPR Datasheet HTML 19Page - Texas Instruments TRF2443IPFPR Datasheet HTML 20Page - Texas Instruments TRF2443IPFPR Datasheet HTML 21Page - Texas Instruments TRF2443IPFPR Datasheet HTML 22Page - Texas Instruments TRF2443IPFPR Datasheet HTML 23Page - Texas Instruments TRF2443IPFPR Datasheet HTML 24Page - Texas Instruments TRF2443IPFPR Datasheet HTML 25Page - Texas Instruments TRF2443IPFPR Datasheet HTML 26Page - Texas Instruments TRF2443IPFPR Datasheet HTML 27Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 72 page
background image
−3.0
−2.5
−2.0
−1.5
−1.0
−0.5
0.0
0.5
TJ = 0°C
TJ = 65°C
TJ = 125°C
0.01
0.1
1
10
BW = 3.5MHz
Frequency (MHz)
G092
−3.0
−2.5
−2.0
−1.5
−1.0
−0.5
0.0
0.5
VCC = 3.1V
VCC = 3.3V
VCC = 3.5V
0.01
0.1
1
10
BW = 3.5MHz
Frequency (MHz)
G093
TRF2443
www.ti.com ................................................................................................................................... SLWS217A – SEPTEMBER 2009 – REVISED SEPTEMBER 2009
RECEIVER LOW-PASS FILTER TYPICAL CHARACTERISTICS (continued)
(TJ = 65°C, VCC = 3.3 V, unless otherwise noted)
RX LOW-PASS FILTER REJECTION
RX LOW-PASS FILTER REJECTION
vs
vs
FREQUENCY
FREQUENCY
Figure 60.
Figure 61.
Copyright © 2009, Texas Instruments Incorporated
Submit Documentation Feedback
23
Product Folder Link(s): TRF2443



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com