Electronic Components Datasheet Search
  English  ▼

X  

TRF2443IPFPR Datasheet(PDF) 12 Page - Texas Instruments

Click here to check the latest version.
Part # TRF2443IPFPR
Description  Integrated IF Transceiver for Broadband Wireless Applications
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TRF2443IPFPR Datasheet(HTML) 12 Page - Texas Instruments

Back Button TRF2443IPFPR Datasheet HTML 8Page - Texas Instruments TRF2443IPFPR Datasheet HTML 9Page - Texas Instruments TRF2443IPFPR Datasheet HTML 10Page - Texas Instruments TRF2443IPFPR Datasheet HTML 11Page - Texas Instruments TRF2443IPFPR Datasheet HTML 12Page - Texas Instruments TRF2443IPFPR Datasheet HTML 13Page - Texas Instruments TRF2443IPFPR Datasheet HTML 14Page - Texas Instruments TRF2443IPFPR Datasheet HTML 15Page - Texas Instruments TRF2443IPFPR Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 72 page
background image
REFERENCE-CLOCK CHARACTERISTICS
XPIC CHARACTERISTICS
TRF2443
SLWS217A – SEPTEMBER 2009 – REVISED SEPTEMBER 2009 ................................................................................................................................... www.ti.com
VCC = 3.3 V
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
fref
Reference frequency
20
MHz
1 kHz
–135
Phase noise
dBc/Hz
Floor
–160
REFIN pin, ac-coupled on board (internally
Reference-clock input level
0.8
2
3
VPP
dc-coupled)
VCC_3V = 3.3 V ± 5%, TJ = 65°C (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
From RX_IN to XPIC_OUT
fin
Input frequency
140
MHz
Pout
Output power
Pin = –32 dBm, LNA ATT set to 0
(1)
–14
–12
–10
dBm
Output power flatness
From 110 MHz to 170 MHz
1
dB
NF
Noise figure
LNA ATT set to 0, total gain = 20 dB
15
22
dB
Two tones of –16 dBm each at 136 MHz and 144
OIP3
Output IP3
11.5
13
dBm
MHz(1) (2)(3)
Γout
Output return loss
Z0 = 75 Ω, single-ended
–12
dB
FROM XPIC_IN TO XPIC_BBI/Q
GMAX
Maximum gain(4)
XPIC_AGC = 0.7 V and XPICBB_GAIN set to 2
21
27
dB
GMIN
Minimum gain(4)
XPIC_AGC = 0 V and XPICBB_GAIN set to 2
5
10
dB
Gain control slope
46
dB/V
GDRange
Digital gain range
Programmed via SPI
11
dB
Gain flatness
Measured over 110 MHz to 170 MHz
1
dB
NF
Noise figure
XPICBB_GAIN set to 2; total gain = 21 dB
22
25
dB
XPICBB_GAIN set to 2; total gain = 21 dB
–4
0
IP3
Input IP3
dBm
XPICBB_GAIN set to 2; total gain = 10 dB
6
9.5
Image rejection
See RX Image Rejection section
–40
dB
Γin
Input return loss
Z0 = 75 Ω, single-ended
–12
dB
Output common mode
1.5
V
Parallel capacitor
15
pF
Baseband output load
Parallel resistor
1
k
Ω
(1)
RXAGC voltage to have RXBBI (or RXBBQ) output level = –17 dBVrms
(2)
LNA ATT set to 0; total power gain = 20 dB
(3)
Measured at XPIC_OUT balun output (75-
Ω characteristic impedance)
(4)
Measured from differential output (XPICBBIP/N or XPICBBQP/N) to XPICINN input balun
12
Submit Documentation Feedback
Copyright © 2009, Texas Instruments Incorporated
Product Folder Link(s): TRF2443



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com