Electronic Components Datasheet Search
  English  ▼

X  

TRF2443IPFPR Datasheet(PDF) 14 Page - Texas Instruments

Click here to check the latest version.
Part # TRF2443IPFPR
Description  Integrated IF Transceiver for Broadband Wireless Applications
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TRF2443IPFPR Datasheet(HTML) 14 Page - Texas Instruments

Back Button TRF2443IPFPR Datasheet HTML 10Page - Texas Instruments TRF2443IPFPR Datasheet HTML 11Page - Texas Instruments TRF2443IPFPR Datasheet HTML 12Page - Texas Instruments TRF2443IPFPR Datasheet HTML 13Page - Texas Instruments TRF2443IPFPR Datasheet HTML 14Page - Texas Instruments TRF2443IPFPR Datasheet HTML 15Page - Texas Instruments TRF2443IPFPR Datasheet HTML 16Page - Texas Instruments TRF2443IPFPR Datasheet HTML 17Page - Texas Instruments TRF2443IPFPR Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 72 page
background image
RECEIVER TYPICAL CHARACTERISTICS
0
10
20
30
40
50
60
70
80
90
0
200
400
600
800
1000 1200 1400 1600 1800
TJ = 0°C
TJ = 65°C
TJ = 125°C
RX AGC Voltage (mV)
G007
0
10
20
30
40
50
60
70
80
90
0
200
400
600
800
1000 1200 1400 1600 1800
VCC = 3.1V
VCC = 3.3V
VCC = 3.5V
RX AGC Voltage (mV)
G008
−90
−80
−70
−60
−50
−40
−30
−20
−10
0
10
0
10
20
30
40
50
60
70
80
90
TJ = 0°C
TJ = 65°C
TJ = 125°C
RX Gain (dB)
G009
−90
−80
−70
−60
−50
−40
−30
−20
−10
0
10
0
10
20
30
40
50
60
70
80
90
VCC = 3.1V
VCC = 3.3V
VCC = 3.5V
RX Gain (dB)
G010
0
5
10
15
20
25
30
35
40
45
50
0
10
20
30
40
50
60
70
80
90
TJ = 0°C
TJ = 65°C
TJ = 125°C
RX Gain (dB)
G011
0
5
10
15
20
25
30
35
40
45
50
0
10
20
30
40
50
60
70
80
90
VCC = 3.1V
VCC = 3.3V
VCC = 3.5V
RX Gain (dB)
G012
TRF2443
SLWS217A – SEPTEMBER 2009 – REVISED SEPTEMBER 2009 ................................................................................................................................... www.ti.com
fin= 140 MHz, SAW_EN = 1, LNA_ATT = 0, baseband gain setting = 3, 3-dB pad disabled (TJ = 65°C, VCC = 3.3 V, unless
otherwise noted)
RX GAIN
RX GAIN
vs
vs
RX AGC VOLTAGE
RX AGC VOLTAGE
Figure 10.
Figure 11.
RX INPUT IP3
RX INPUT IP3
vs
vs
RX GAIN
RX GAIN
Figure 12.
Figure 13.
RX NOISE FIGURE
RX NOISE FIGURE
vs
vs
RX GAIN
RX GAIN
Figure 14.
Figure 15.
14
Submit Documentation Feedback
Copyright © 2009, Texas Instruments Incorporated
Product Folder Link(s): TRF2443



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com