Electronic Components Datasheet Search
  English  ▼

X  

TRF2443IPFPR Datasheet(PDF) 52 Page - Texas Instruments

Click here to check the latest version.
Part # TRF2443IPFPR
Description  Integrated IF Transceiver for Broadband Wireless Applications
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TRF2443IPFPR Datasheet(HTML) 52 Page - Texas Instruments

Back Button TRF2443IPFPR Datasheet HTML 48Page - Texas Instruments TRF2443IPFPR Datasheet HTML 49Page - Texas Instruments TRF2443IPFPR Datasheet HTML 50Page - Texas Instruments TRF2443IPFPR Datasheet HTML 51Page - Texas Instruments TRF2443IPFPR Datasheet HTML 52Page - Texas Instruments TRF2443IPFPR Datasheet HTML 53Page - Texas Instruments TRF2443IPFPR Datasheet HTML 54Page - Texas Instruments TRF2443IPFPR Datasheet HTML 55Page - Texas Instruments TRF2443IPFPR Datasheet HTML 56Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 72 page
background image
Readback From the Internal Register Banks
TRF2443
SLWS217A – SEPTEMBER 2009 – REVISED SEPTEMBER 2009 ................................................................................................................................... www.ti.com
Table 9. SPI Readback Timing
PARAMETER
MIN
TYP
MAX
UNITS
COMMENTS
th
Hold time, data to clock
20
ns
tSU1
Setup time, data to clock
20
ns
t(CL)
Clock low duration
20
ns
t(CH)
Clock high duration
20
ns
tSU2
Setup time, clock to enable
20
ns
tW
Enable time
50
ns
Equals clock period
t(CLK)
Clock period
50
ns
tSU3
Setup time, latch to data
70
ns
td
Delay time, clock to readback-data output
10
ns
The TX PLL (SPI-1) and RX PLL (SPI-2) register banks each contain six registers: register 0 (000) through
register 5 (101). Register 0 (000) is used only for the readback operation, whereas registers 1 through 5 are the
actual PLL control registers. In the case of the TX PLL (SPI-1) and RX PLL (SPI-2) register banks, register 0
contains no information. Therefore, it is not possible to read back register 0 from these register banks.
The TX-RX (SPI-3) register bank contains eight registers: register 0 (000) through register 7 (111). Register 0
(000) is used only for the readback operation, whereas registers 1 through 7 are the actual TX and RX control
registers. In the case of the TX-RX register bank (SPI-3), register 0 is used to store some TRF2443 internal data.
Therefore, it is possible to read back register 0 from this register bank, as it contains this data.
To read back a register from any of these register banks, register 0 of the register bank which contains the
register to be read must be programmed with a specific command that sets the TRF2443 in the readback mode
and specifies the register to be read:
• Set B<31> to 1 to put the TRF2443 in readback mode.
• Set B<30,28> equal to the address of the register to be read (001 to 101 in the case of TX PLL/RX PLL; 000
to 111 in the case of TX-RX SPI).
52
Submit Documentation Feedback
Copyright © 2009, Texas Instruments Incorporated
Product Folder Link(s): TRF2443



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com