Electronic Components Datasheet Search
  English  ▼

X  

TRF2443IPFPR Datasheet(PDF) 38 Page - Texas Instruments

Click here to check the latest version.
Part # TRF2443IPFPR
Description  Integrated IF Transceiver for Broadband Wireless Applications
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TRF2443IPFPR Datasheet(HTML) 38 Page - Texas Instruments

Back Button TRF2443IPFPR Datasheet HTML 34Page - Texas Instruments TRF2443IPFPR Datasheet HTML 35Page - Texas Instruments TRF2443IPFPR Datasheet HTML 36Page - Texas Instruments TRF2443IPFPR Datasheet HTML 37Page - Texas Instruments TRF2443IPFPR Datasheet HTML 38Page - Texas Instruments TRF2443IPFPR Datasheet HTML 39Page - Texas Instruments TRF2443IPFPR Datasheet HTML 40Page - Texas Instruments TRF2443IPFPR Datasheet HTML 41Page - Texas Instruments TRF2443IPFPR Datasheet HTML 42Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 72 page
background image
TRF2443
SLWS217A – SEPTEMBER 2009 – REVISED SEPTEMBER 2009 ................................................................................................................................... www.ti.com
REGISTER
POWER-ON
SUGGESTED
NAME
DESCRIPTION
2
VALUE
VALUE
Bit0
ADDR_0
0
0
Register address bits
Bit1
ADDR_1
1
1
Bit2
ADDR_2
0
0
Bit3
ADDR_3
0
0
SPI address bits
Bit4
ADDR_4
1
1
Bit5
RX_NINT_0
0
App. specific
RX PLL N-divider division setting
Power-On value = 112 (<00 000 000 0111 0000>)
→
Bit6
RX_NINT_1
0
App. specific
fVCO = 2240 MHz (with fPFD = 20 MHz)
Bit7
RX_NINT_2
0
App. specific
fout = 140 MHz
(minimum value Nmin = 56;
Bit8
RX_NINT_3
0
App. specific
maximum value Nmax = 65,535)
Bit9
RX_NINT_4
1
App. specific
Bit10
RX_NINT_5
1
App. specific
Bit11
RX_NINT_6
1
App. specific
Bit12
RX_NINT_7
0
App. specific
Bit13
RX_NINT_8
0
App. specific
Bit14
RX_NINT_9
0
App. specific
Bit15
RX_NINT_10
0
App. specific
Bit16
RX_NINT_11
0
App. specific
Bit17
RX_NINT_12
0
App. specific
Bit18
RX_NINT_13
0
App. specific
Bit19
RX_NINT_14
0
App. specific
Bit20
RX_NINT_15
0
App. specific
Bit21
RSV
0
0
Reserved
Bit22
RSV
0
0
Reserved
Bit23
RSV
0
0
Reserved
Bit24
RSV
0
0
Reserved
Bit25
RSV
1
1
Reserved
Bit26
RXDIV_SEL
0
0
RX VCO divider selection (1 = divide by 8; 0 = divide by 16)
Bit27
RXCAL_CLK_0
1
1
Set the clock speed used in the RX VCO frequency autocalibration.
The clock is derived from the reference clock through a frequency
Bit28
RXCAL_CLK_1
0
0
divider.
Bit29
RXCAL_CLK_2
1
1
Bit30
RXCAL_SEL
0
1
Select the RX VCO frequency calibration mode (1 = autocalibration;
0 = manual)
Bit31
EN_RXCAL
0
1
Enable RX VCO frequency autocalibration (1
→ start)
RXCAL_CLK<2,0>: Set the frequency divider value used to derive the TX VCO calibration clock from the
reference clock (See Table 5).
Table 5. RX VCO Calibration Clock
Divider vs. RXCAL_CLK<2,0>
RXCAL_CLK
FREQUENCY DIVIDER
000
1
001
8
010
16
011
128
100
256
101
1024
110
2048
111
16,684
38
Submit Documentation Feedback
Copyright © 2009, Texas Instruments Incorporated
Product Folder Link(s): TRF2443



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com