Electronic Components Datasheet Search
  English  ▼

X  

TRF2443IPFPR Datasheet(PDF) 55 Page - Texas Instruments

Click here to check the latest version.
Part # TRF2443IPFPR
Description  Integrated IF Transceiver for Broadband Wireless Applications
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TRF2443IPFPR Datasheet(HTML) 55 Page - Texas Instruments

Back Button TRF2443IPFPR Datasheet HTML 51Page - Texas Instruments TRF2443IPFPR Datasheet HTML 52Page - Texas Instruments TRF2443IPFPR Datasheet HTML 53Page - Texas Instruments TRF2443IPFPR Datasheet HTML 54Page - Texas Instruments TRF2443IPFPR Datasheet HTML 55Page - Texas Instruments TRF2443IPFPR Datasheet HTML 56Page - Texas Instruments TRF2443IPFPR Datasheet HTML 57Page - Texas Instruments TRF2443IPFPR Datasheet HTML 58Page - Texas Instruments TRF2443IPFPR Datasheet HTML 59Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 72 page
background image
Baseband Section
TRANSMITTER DESCRIPTION
6
FromSPI
0/90
Tofeedback
switch
From TX
PLL
TX_OUT
TXQ_IN
TXI_IN
Level
Detect
TX_PWD
ATT
TXAMP
V
CC
V
CC
TX IQ Modulator
TRF2443
www.ti.com ................................................................................................................................... SLWS217A – SEPTEMBER 2009 – REVISED SEPTEMBER 2009
The TRF2443 baseband section integrates a programmable gain amplifier (PGA) and programmable low-pass
filter. The baseband PGA minimum gain is 9 dB, and the maximum gain is 33 dB. The PGA can be programmed
in 25 gain settings (0 to 24) in 1-dB increments. Its gain can be changed by the RX_BBGAIN<4,0> bits (SPI-3,
register 2, B<15,11> according to the following formula:
gain_setting = wanted_gain – 9.
Example: Wanted gain = 22 dB
→ New gain setting = 22 – 9 = 13 = <0 1101>
The TRF2443 baseband low-pass filter cutoff frequency can be programmed from 2 MHz to 11 MHz by setting
appropriately
the
cutoff-frequency
control
bits
RXBB_FREQ<6,0>
(SPI-3,
register
2,
B<22,16>).
RXBB_FREQ<6,0> = <111 1111> corresponds to the minimum corner frequency.
The baseband output buffers (ADC drivers) are designed to drive directly an analog-to-digital converter (ADC),
either dc- or ac-coupled. The output common mode of the ADC drivers is set externally via the RXBBCM pin (pin
40). When the TRF2443 is dc-connected to the ADC, the same dc common mode for both the ADC and the
TRF2443 baseband output can be used.
Figure 102. Transmitter Chain Block Diagram
The transmitter chain integrates an IQ modulator followed by a variable attenuator and the final transmitter
amplification stage. The last two blocks provide over 35 dB of gain range. A power-alarm circuit monitors the
level at the modulator output, and its digital output goes low if the signal level falls below the user-specified
threshold level relative to the expected level.
The first block of the transmitter chain is the IQ modulator, which upconverts the incoming in-phase and
quadrature signals to the TX IF frequency. The TRF2443 can be either ac- or dc-coupled to the digital-to-analog
converter (DAC). If a dc-coupled configuration is selected, then the modulator-input dc-common mode must be
set externally to the appropriate level of 1.4 V and the common-mode bias generation must be set to external
mode via the SPI by setting EN_TXCM (SPI-3, register 3, B<31>) to 1. If an ac-coupled configuration is selected,
then internal common-mode generation mode must be enabled via the SPI by setting EN_TXCM (SPI-3, register
3, B<31>) to 0. When internal biasing is enabled, it is possible to apply a dc offset to either the I or Q side of the
IQ modulator using the integrated dc DAC, accessible via the SPI (TXBBI<5,0>, SPI-3, register 3, B<30,25>;
TXBBQ<5,0>, SPI-3, register 3, B<24,19>). An external 100
Ω differential resistor is required between the TX
baseband input pins (TXBBIP and TXBBIN, pins 22 and 21, and TXBBQP and TXBBQN, pins 20 and 19) if
utilizing the dc DAC. The optimum value of the dc DAC, which minimizes carrier leakage, can be read from the
EEPROM within the TRF2443. See the application note (SLWU064) on how to access EEPROM information.
The mixers of the IQ modulator use an external load. The collectors of the output transistors are connected to the
pins MIXINDN and MIXINDP (pins 2 and 3). On the board, a pullup inductor to Vcc must be connected to each of
those pins, as well as a shunt resistor between the pins (see the Application Schematic section).
Copyright © 2009, Texas Instruments Incorporated
Submit Documentation Feedback
55
Product Folder Link(s): TRF2443



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com