Electronic Components Datasheet Search
  English  ▼

X  

82G33 Datasheet(PDF) 289 Page - Intel Corporation

Part # 82G33
Description  Graphics and Memory Controller Hub
PDF  437 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

82G33 Datasheet(HTML) 289 Page - Intel Corporation

Back Button 82G33 Datasheet HTML 285Page - Intel Corporation 82G33 Datasheet HTML 286Page - Intel Corporation 82G33 Datasheet HTML 287Page - Intel Corporation 82G33 Datasheet HTML 288Page - Intel Corporation 82G33 Datasheet HTML 289Page - Intel Corporation 82G33 Datasheet HTML 290Page - Intel Corporation 82G33 Datasheet HTML 291Page - Intel Corporation 82G33 Datasheet HTML 292Page - Intel Corporation 82G33 Datasheet HTML 293Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 289 / 437 page
background image
Intel® Management Engine (ME) Subsystem Registers (D3:F0,F1,F2,F3)
Datasheet
289
Address
Offset
Register
Symbol
Register Name
Default
Value
Access
8C–8Dh
MID
Message Signaled Interrupt
Identifiers
0005h
RO
8E–8Fh
MC
Message Signaled Interrupt
Message Control
0080h
RO, RW
90–93h
MA
Message Signaled Interrupt
Message Address
00000000h
RW, RO
94–97h
MUA
Message Signaled Interrupt Upper
Address (Optional)
00000000h
RW
98–99h
MD
Message Signaled Interrupt
Message Data
0000h
RW
A0h
HIDM
HECI Interrupt Delivery Mode
00h
RW
9.1.1
ID— Identifiers
B/D/F/Type:
0/3/0/PCI
Address Offset:
00–03h
Default Value:
29C48086h
Access:
RO
Size:
32 bits
Bit
Access &
Default
Description
31:16
RO
29C4h
Device ID (DID): Indicates what device number assigned by Intel.
15:0
RO
8086h
Vendor ID (VID): 16-bit field which indicates Intel is the vendor,
assigned by the PCI SIG.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com