Electronic Components Datasheet Search
  English  ▼

X  

82G33 Datasheet(PDF) 342 Page - Intel Corporation

Part # 82G33
Description  Graphics and Memory Controller Hub
PDF  437 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

82G33 Datasheet(HTML) 342 Page - Intel Corporation

Back Button 82G33 Datasheet HTML 338Page - Intel Corporation 82G33 Datasheet HTML 339Page - Intel Corporation 82G33 Datasheet HTML 340Page - Intel Corporation 82G33 Datasheet HTML 341Page - Intel Corporation 82G33 Datasheet HTML 342Page - Intel Corporation 82G33 Datasheet HTML 343Page - Intel Corporation 82G33 Datasheet HTML 344Page - Intel Corporation 82G33 Datasheet HTML 345Page - Intel Corporation 82G33 Datasheet HTML 346Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 342 / 437 page
background image
Intel® Management Engine (ME) Subsystem Registers (D3:F0,F1,F2,F3)
342
Datasheet
9.4.14
INTR—Interrupt Information
B/D/F/Type:
0/3/3/PCI
Address Offset:
3C–3Dh
Default Value:
0200h
Access:
RW, RO
Size:
16 bits
See individual Registers below.
Note: Reset: Host System Reset or D3->D0 reset of the function.
Bit
Access &
Default
Description
15:8
RO
02h
Interrupt Pin (IPIN): a value of 0x1/0x2/0x3/0x4 indicates that this
function implements legacy interrupt on INTA/INTB/INTC/INTD,
respectively
Function
Value
INTx
( 3 KT/Serial Port)
02h
INTB
7:0
RW
00h
Interrupt Line (ILINE): The value written in this field indicates which
input of the system interrupt controller, the device's interrupt pin is
connected to. This value is used by the OS and the device driver, and
has no affect on the hardware.
9.4.15
MGNT—Minimum Grant
B/D/F/Type:
0/3/3/PCI
Address Offset:
3Eh
Default Value:
00h
Access:
RO
Size:
8 bits
This optional register is not implemented.
Bit
Access &
Default
Description
7:0
RO
00h
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com