Electronic Components Datasheet Search
  English  ▼

X  

OR3TP12 Datasheet(PDF) 104 Page - Agere Systems

Part # OR3TP12
Description  Field-Programmable System Chip (FPSC) Embedded Master/Target PCI Interface
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AGERE [Agere Systems]
Direct Link  
Logo AGERE - Agere Systems

OR3TP12 Datasheet(HTML) 104 Page - Agere Systems

Back Button OR3TP12 Datasheet HTML 100Page - Agere Systems OR3TP12 Datasheet HTML 101Page - Agere Systems OR3TP12 Datasheet HTML 102Page - Agere Systems OR3TP12 Datasheet HTML 103Page - Agere Systems OR3TP12 Datasheet HTML 104Page - Agere Systems OR3TP12 Datasheet HTML 105Page - Agere Systems OR3TP12 Datasheet HTML 106Page - Agere Systems OR3TP12 Datasheet HTML 107Page - Agere Systems OR3TP12 Datasheet HTML 108Page - Agere Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 104 / 128 page
background image
ORCA OR3TP12 FPSC
Data Sheet
Embedded Master/Target PCI Interface
March 2000
104
Lucent Technologies Inc.
Lucent Technologies Inc.
Symbol
I/O
Description
Special-Purpose Pins (continued)
MPI_IRQ
O
I/O
MPI active-low interrupt request output.
If the MPI is not in use, this is a user-programmable I/O.
MPI_BI
O
I/O
PowerPC mode MPI burst inhibit output.
If the MPI is not in use, this is a user-programmable I/O.
MPI_ACK
OIn
PowerPC mode MPI operation, this is the active-high transfer acknowledge (TA) out-
put. For
i960 MPI operation, it is the active-low ready/record (RDYRCV) output.
If the MPI is not in use, this is a user-programmable I/O.
MPI_RW
I
I/O
In
PowerPC mode MPI operation, this is the active-low write/ active-high read control
signals. For
i960 operation, it is the active-high write/active-low read control signal.
If the MPI is not in use, this is a user-programmable I/O.
MPI_CLK
I
I/O
This is the clock used for the synchronous MPI interface. For
PowerPC, it is the CLK-
OUT signal. For
i960, it is the system clock that is chosen for the i960 external bus inter-
face.
If the MPI is not in use, this is a user-programmable I/O.
A[4:0]
I
I/O
For
PowerPC operation, these are the PowerPC address inputs. The address bit map-
ping (in
PowerPC/FPGA notation) is A[31]/A[0], A[30]/A[1], A[29]/A[2], A[28]/A[3], A[27]/
A[4]. Note that A[27]/A[4] is the MSB of the address. The A[4:2] inputs are not used in
i960 MPI mode.
If the MPI is not in use, this is a user-programmable I/O.
A[1:0]/MPI_BE[1:0]
I
For
i960 operation, MPI_BE[1:0] provide the i960 byte enable signals, be[1:0], that are
used as address bits A[1:0] in
i960 byte-wide operation.
D[7:0]
I
I/O
During Master parallel, peripheral, and slave parallel configuration modes, D[7:0]
receive configuration data, and each pin has a pull-up enabled. During serial configura-
tion modes, D0 is the DIN input. D[7:0] are also the data pins for
PowerPC microproces-
sor mode and the address/data pins for
i960 microprocessor mode.
After configuration, the pins are user-programmable I/O pins.*
DIN
I
I/O
During slave serial or Master serial configuration modes, DIN accepts serial configura-
tion data synchronous with CCLK. During parallel configuration modes, DIN is the D0
input. During configuration, a pull-up is enabled.
After configuration, this pin is a user-programmable I/O pin.*
DOUT
O
I/O
During configuration, DOUT is the serial data output that can drive the DIN of daisy-
chained slave LCA devices. Data out on DOUT changes on the falling edge of CCLK.
After configuration, DOUT is a user-programmable I/O pin.*
* The
ORCA Series 3 FPGA data sheet contains more information on how to control these signals during start-up. The timing of DONE release
is controlled by one set of bit stream options, and the timing of the simultaneous release of all other configuration pins (and the activation of all
user I/Os) is controlled by a second set of options.
Pin Information (continued)
Table 41. FPGA Common-Function Pin Descriptions (continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com