| Electronic Components Datasheet Search |
|
OR3TP12 Datasheet(PDF) 28 Page - Agere Systems |
|
|
|||||||||||||||||||||||||||||
OR3TP12 Datasheet(HTML) 28 Page - Agere Systems |
|
28 / 128 page ![]() ORCA OR3TP12 FPSC Data Sheet Embedded Master/Target PCI Interface March 2000 28 Lucent Technologies Inc. Lucent Technologies Inc. Symbol I/O Description Clock Domain Miscellaneous Signals (continued) cfgshiftenn pci_cfg_stat O I PCI Error Status Control cfgshiftenn is an active-low signal that MUXes the output of the PCI device status register (PCI Specification 2.1: Section 6.2.3) onto signal pci_cfg_stat: cfgshiftenn = 1: pci_cfg_stat outputs the wired-OR of all status bits below, after being masked by options in the FPSC configuration manager. cfgshiftenn = 0: pci_cfg_stat outputs each status bit below, shifted one at a time on successive pciclk rising edges. The shift register is reset when cfgshiftenn = 1. Device Status Register bits: Detected Parity Error, Signaled System Error, Received Master Abort, Received Target Abort, Signaled Target Abort, Master Data Parity Error. pciclk pci_64bit I PCI 64-Bit Bus Indication. This active-high signal indicates that the embed- ded core detected that it is configured as a 64-bit agent on the PCI bus. This is the result of detecting PCI signal req64n as active-low on the rising edge of PCI signal rstn. Note that this does not imply that any particular transac- tion is 64-bit, since each transaction is individually negotiated using PCI sig- nals req64n and ack64n. When asserted, all data transfers across the Master and Target FIFO interface will imply 64-bit data phases. — fifo_sel O FIFO Select. A MUX control signal that is valid in the dual-port mode to select either Master read data (fifo_sel = 0) or Target address/write data (fifo_sel = 1) on the datatofpga and datatofpgax bus. For quad-port mode, this signal can be tied to high. — PCI Bus Core Detailed Description (continued) Table 6. Embedded Core/FPGA Interface Signals (continued) * The source of the clock (fclk1 or fclk2) for the FIFO interface (Master or Target) is selected in the FPSC configuration manager. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |