Electronic Components Datasheet Search
  English  ▼

X  

OR3TP12 Datasheet(PDF) 27 Page - Agere Systems

Part # OR3TP12
Description  Field-Programmable System Chip (FPSC) Embedded Master/Target PCI Interface
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AGERE [Agere Systems]
Direct Link  
Logo AGERE - Agere Systems

OR3TP12 Datasheet(HTML) 27 Page - Agere Systems

Back Button OR3TP12 Datasheet HTML 23Page - Agere Systems OR3TP12 Datasheet HTML 24Page - Agere Systems OR3TP12 Datasheet HTML 25Page - Agere Systems OR3TP12 Datasheet HTML 26Page - Agere Systems OR3TP12 Datasheet HTML 27Page - Agere Systems OR3TP12 Datasheet HTML 28Page - Agere Systems OR3TP12 Datasheet HTML 29Page - Agere Systems OR3TP12 Datasheet HTML 30Page - Agere Systems OR3TP12 Datasheet HTML 31Page - Agere Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 128 page
background image
Lucent Technologies Inc.
27
Data Sheet
ORCA OR3TP12 FPSC
March 2000
Embedded Master/Target PCI Interface
Lucent Technologies Inc.
Symbol
I/O
Description
Clock
Domain
Target Read Data FIFO Signals (continued)
trpcihold
O
Target Read PCI Bus Hold. For read transfers to the PCI bus, this signal
delays the start of the data transfer (i.e., trdyn assertion). The data transfer
will begin when trpcihold is deasserted or the Target read data FIFO
becomes full. Once asserted, this signal needs to remain asserted for a min-
imum of two pciclk cycles.
pciclk
trburstpendn
O
Target Read Burst Control. This active-low signal directs the Target to
insert up to eight wait-states between subsequent read data phases before
disconnect. When deasserted, the Target will disconnect immediately when
the Target read data FIFO becomes empty. If deltrn is inactive, trburst-
pendn must be driven active. Once asserted, this signal needs to remain
asserted for a minimum of two pciclk cycles.
pciclk
Miscellaneous Signals
pci_intan
O
PCI Interrupt Request. This active-low signal is used to generate a PCI bus
interrupt and is forwarded by the embedded core as intan onto the PCI bus.
Once asserted, this signal needs to remain asserted for a minimum of two
pciclk cycles.
—
fclk1
fclk2
O
O
FPGA Clock 1 and 2. Clocks used by the Master and Target FIFO interface
logic. fclk1 and fclk2 need to be activated for use by the Master and Target
in the FPSC configuration manager. In dual-port mode, only one of these
clocks may be active, while the other should be tied low.
—
pciclk
I
PCI Clock. pciclk is a buffered version of clk for use by the FPGA applica-
tion as the main clock, or for control signals which are in the pciclk domain
(such as t_retryn, mr_stopburstn, etc.). The FPGA may route pciclk to any
of the FPGA resources, fclk1 or fclk2, programmable clock managers, etc.
—
pci_rstn
I
PCI Reset. This active-low signal indicates that a PCI bus reset was received
from the PCI bus (rstn).
—
fpga_syserror
O
System Error. This pin is used by the FPGA to generate a system error on
the PCI bus. This is passed to the PCI bus as serrn. Once asserted, this sig-
nal needs to remain asserted for a minimum of two pciclk cycles.
pciclk
* The source of the clock (fclk1 or fclk2) for the FIFO interface (Master or Target) is selected in the FPSC configuration manager.
PCI Bus Core Detailed Description (continued)
Table 6. Embedded Core/FPGA Interface Signals (continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com