Electronic Components Datasheet Search
  English  ▼

X  

OR3TP12 Datasheet(PDF) 55 Page - Agere Systems

Part # OR3TP12
Description  Field-Programmable System Chip (FPSC) Embedded Master/Target PCI Interface
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AGERE [Agere Systems]
Direct Link  
Logo AGERE - Agere Systems

OR3TP12 Datasheet(HTML) 55 Page - Agere Systems

Back Button OR3TP12 Datasheet HTML 51Page - Agere Systems OR3TP12 Datasheet HTML 52Page - Agere Systems OR3TP12 Datasheet HTML 53Page - Agere Systems OR3TP12 Datasheet HTML 54Page - Agere Systems OR3TP12 Datasheet HTML 55Page - Agere Systems OR3TP12 Datasheet HTML 56Page - Agere Systems OR3TP12 Datasheet HTML 57Page - Agere Systems OR3TP12 Datasheet HTML 58Page - Agere Systems OR3TP12 Datasheet HTML 59Page - Agere Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 128 page
background image
Lucent Technologies Inc.
55
Data Sheet
ORCA OR3TP12 FPSC
March 2000
Embedded Master/Target PCI Interface
Lucent Technologies Inc.
PCI Bus Core Target Controller Detailed Description (continued)
For a write burst transaction to an odd address (ad2 = 1), the first write data word transferred to the FPGA applica-
tion will have all its byte enables deasserted and can be discarded. For Target read transactions to an odd address
(ad2 = 1), the first read data word provided by the FPGA application is discarded by the Target FIFO interface.
For single transaction (burst indication bit deasserted) on 32-bit PCI bus (pci_64bit = 0), the Target FIFO interface
handles all data alignment. The received address is valid as transferred, with the data phase aligning to this
address. No extra data is transferred or discarded.
Table 19. Target State Counter (TStateCntr) Values and the Corresponding Bus Data
TStateCntr[3:0]
Dual-Port Mode (32-bit Ports)
Quad-Port Mode (16-bit Ports)
Data on Bus
datatofpga
Data on Bus
datafmfpga
Data on Bus
twdata
Data on Bus
trdata
0
Adrs[31:0]
Data[31:0]
Adrs[15:0]
Data[15:0]
1
Adrs[63:32]
Data[63:32]
Adrs[31:16]
Data[31:16]
2
—
—
Adrs[47:32]
Data[47:32]
3
—
—
Adrs[63:48]
Data[63:48]
4
Data[31:0]
—
Data[15:0]
—
5
Data[63:32]
—
Data[31:16]
—
6
—
—
Data[47:32]
—
7
—
—
Data[63:48]
—
8—
—
—
—
9—
—
—
—
A—
—
—
—
B—
—
—
—
C—
—
—
—
D—
—
—
—
E—
—
—
—
F—
—
—
—



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com