Electronic Components Datasheet Search
  English  ▼

X  

OR3TP12 Datasheet(PDF) 43 Page - Agere Systems

Part # OR3TP12
Description  Field-Programmable System Chip (FPSC) Embedded Master/Target PCI Interface
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AGERE [Agere Systems]
Direct Link  
Logo AGERE - Agere Systems

OR3TP12 Datasheet(HTML) 43 Page - Agere Systems

Back Button OR3TP12 Datasheet HTML 39Page - Agere Systems OR3TP12 Datasheet HTML 40Page - Agere Systems OR3TP12 Datasheet HTML 41Page - Agere Systems OR3TP12 Datasheet HTML 42Page - Agere Systems OR3TP12 Datasheet HTML 43Page - Agere Systems OR3TP12 Datasheet HTML 44Page - Agere Systems OR3TP12 Datasheet HTML 45Page - Agere Systems OR3TP12 Datasheet HTML 46Page - Agere Systems OR3TP12 Datasheet HTML 47Page - Agere Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 128 page
background image
Lucent Technologies Inc.
43
Data Sheet
ORCA OR3TP12 FPSC
March 2000
Embedded Master/Target PCI Interface
Lucent Technologies Inc.
PCI Bus Core Master Controller Detailed Description (continued)
Table 13. Dual-Port Master Writes
1. When maenn and ma_fulln are deasserted high, the Master interface is idle.
2. When maenn is asserted low, a command/address phase is in progress.
3. maenn must be asserted low for command/address data to transfer and state to change.
4. maenn must be deasserted high and mwdataenn must be asserted low to execute the data phase and state to change.
5. Next state = 0 if mwlastcycn is asserted low (end of Master write data phase).
6. Next state = A if mwlastcycn is asserted low (end of Master command/address phase).
Table 14. Quad-Port Master Writes
1. When maenn and ma_fulln are deasserted high, the Master interface is idle.
2. When maenn is asserted low, a command/address phase is in progress.
3. maenn must be asserted low for command/address data to transfer and state to change.
4. maenn must be deasserted high and mwdataenn must be asserted low to execute the data phase and state to change.
5. Next state = 0 if mwlastcycn is asserted low (end of Master write data phase).
6. Next state = 6 if mwlastcycn is asserted low (end of Master command/address phase).
MStateCntr
Next State of
MStateCntr
Description
Data on Bus
datafmfpgax[3:0],
datafmfpga[31:0]
Notes
0
0
Idle
XXXX4, XXXX16
1
0
1 or A
Command Word
Command Word [17:16], XX2,
Command Word [15:0], XXXX16
2, 3, 6
1
2 or A
Address[31:0]
XXXX4, PCIAddress[31:0]
2, 3, 6
2
A
Address[63:32]
XXXX4, PCIAddress[63:32]
2, 3, 6
A
B or 0
Data[31:0]
BEN[3:0], PCIData[31:0]
4, 5
B
A or 0
Data[63:32]
BEN[7:4], PCIData[63:32]
4, 5
MStateCntr
Next State of
MStateCntr
Description
Data on Bus
mwdata[17:0]
Notes
00
Idle
XX2, XXXX16
1
0
1 or 6
Command Word
Command Word
2, 3, 6
1
2 or 6
Address[15:0]
XX2, PCIAddress[15:0]
2, 3, 6
2
3 or 6
Address[31:16]
XX2, PCIAddress[31:16]
2, 3, 6
3
4 or 6
Address[47:32]
XX2, PCIAddress[47:32]
2, 3, 6
4
6
Address[63:48]
XX2, PCIAddress[63:48]
2, 3, 6
6
7
Data[15:0]
BEN[1:0], PCIData[15:0]
4
7
8 or 0
Data[31:16]
BEN[3:2], PCIData[31:16]
4, 5
8
9
Data[47:32]
BEN[5:4], PCIData[47:32]
4
9
6 or 0
Data[63:48]
BEN[7:6], PCIData[63:48]
4, 5
Master Read Operation
Command/Address Setup
In order to initiate a PCI Master read operation, the
FPGA application must supply the Master command,
Master read burst length, and PCI start address in the
specific order prescribed in Table 15 and Table 17, for
quad- and dual-port mode respectively. The bit defini-
tions of the Master command word are shown in
Table 10. This data is transferred via bus mwdata
(quad-port mode) or datafmfpga (dual-port mode), and
cannot be accepted by the Master FIFO interface
unless ma_fulln is inactive and m_ready is active. The
Master command word, Master read burst length, and
start address must be accompanied by assertion of the
enable maenn, with the command/address phase end-
ing with the assertion of mwlastcycn. After the com-
mand/address phase completes, ma_fulln goes active
indicating the Master will be begin negotiating for the
PCI bus.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com