Electronic Components Datasheet Search
  English  ▼

X  

OR3TP12 Datasheet(PDF) 17 Page - Agere Systems

Part # OR3TP12
Description  Field-Programmable System Chip (FPSC) Embedded Master/Target PCI Interface
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AGERE [Agere Systems]
Direct Link  
Logo AGERE - Agere Systems

OR3TP12 Datasheet(HTML) 17 Page - Agere Systems

Back Button OR3TP12 Datasheet HTML 13Page - Agere Systems OR3TP12 Datasheet HTML 14Page - Agere Systems OR3TP12 Datasheet HTML 15Page - Agere Systems OR3TP12 Datasheet HTML 16Page - Agere Systems OR3TP12 Datasheet HTML 17Page - Agere Systems OR3TP12 Datasheet HTML 18Page - Agere Systems OR3TP12 Datasheet HTML 19Page - Agere Systems OR3TP12 Datasheet HTML 20Page - Agere Systems OR3TP12 Datasheet HTML 21Page - Agere Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 128 page
background image
Lucent Technologies Inc.
17
Data Sheet
ORCA OR3TP12 FPSC
March 2000
Embedded Master/Target PCI Interface
Lucent Technologies Inc.
PCI Bus Core Detailed Description
(continued)
Parity
The PCI bus core implements all required and optional
features, including the following:
s
Master generates parity on all addresses placed on
the bus.
s
Sending agent generates parity on all data placed on
the bus.
s
Target calculates parity on all addresses received
from the bus.
s
Receiving agent calculates parity on all data
received from the bus.
s
The detected parity error bit in the status register is
set whenever an agent calculates corrupted parity.
s
The signal perrn is generated whenever an agent
calculates corrupted data parity and the parity error
response bit is set in the PCI command register.
s
The signal serrn is generated whenever an agent
calculates a corrupt address parity.
66 MHz Operation
The PCI bus core is fully compliant to PCI Specification
requirements at all clock rates up to 66 MHz. All
33 MHz requirements are also met.
Timing Budget
The PCI bus core’s timing budget is summarized in
Table 4. Note that the 66 MHz timing requirements only
allow 5 ns for signal proagation (TPROP), as compared
to 10 ns at 33 MHz. The effect of the reduction is to
reduce also the number of agents that the bus can sup-
port, although the actual number is not specified in the
PCI Specification and is dependent on the design of
the hardware components. The four components of the
timing budget are TVAL (valid output delay), TPROP
(propagation time), TSU (input setup time), and TSKEW
(clock skew); of these, only TVAL and TSU are controlled
by the PCI component, and TPROP and TSKEW are sys-
tem parameters. Table 4 includes a third column (also
shown in the PCI Specification); this column indicates
the performance attainable if all 66 MHz requirements
are met except TPROP = 10 ns, which is the 33 MHz
value. In this case, the total budget increases from
15 ns (66 MHz) to 20 ns (50 MHz).
Table 4. Timing Budgets
64-Bit Addressing
The PCI bus core fully supports 64-bit addressing,
whether or not the PCI bus core is configured to utilize
the 64-bit data extension. When the PCI bus core is a
64-bit Target being addressed by 64-bit Master, the PCI
bus core will decode the address one cycle faster so
that dual-address operation will have no performance
impact; see PCI Specification 2.1, Section 3.10.1 for
details.
Section 3.10.1 of the PCI Specification 2.1 also states
that a Master that supports 64-bit addressing must
nevertheless generate requests utilizing a single
address instead of a dual-address when the upper
32 bits are all zeros. This shortens the request time by
one cycle when communicating with 32-bit Targets.
FIFO Memories and Control
The OR3TP12 embedded core contains four FIFO
memories and supporting control logic. Two FIFOs are
for the Master FIFO interface data and two for the Tar-
get FIFO interface data. These FIFOs are configured to
operate in 64-bit mode and can also carry byte enable
bits on a per-byte basis (e.g., a 64-bit FIFO actually
carries 64 bits of data and eight byte enable bits for a
total of 72 bits). All FIFOs have two relevant flags which
extend into the FPGA logic for user application (e.g., a
Target read FIFO on the FPGA side has Full and Full-4
flags extending into the FPGA logic). Clocking for the
FPGA port of all FIFOs is flexible, with options for dif-
ferent clocks for the Master and Target FIFOs, all
sourced by the FPGA logic.
Timing Element 33 MHz 50 MHz 66 MHz
Unit
Cycle Time
30.0
20.0
15.0
ns
Valid Output
Delay
11.0
7.5
6.0
ns
Propagation
Time
10.0
6.5
5.0
ns
Input Setup Time
7.0
4.5
3.0
ns
Clock Skew
2.0
1.5
1.0
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com