Electronic Components Datasheet Search
  English  ▼

X  

OR3TP12 Datasheet(PDF) 18 Page - Agere Systems

Part # OR3TP12
Description  Field-Programmable System Chip (FPSC) Embedded Master/Target PCI Interface
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AGERE [Agere Systems]
Direct Link  
Logo AGERE - Agere Systems

OR3TP12 Datasheet(HTML) 18 Page - Agere Systems

Back Button OR3TP12 Datasheet HTML 14Page - Agere Systems OR3TP12 Datasheet HTML 15Page - Agere Systems OR3TP12 Datasheet HTML 16Page - Agere Systems OR3TP12 Datasheet HTML 17Page - Agere Systems OR3TP12 Datasheet HTML 18Page - Agere Systems OR3TP12 Datasheet HTML 19Page - Agere Systems OR3TP12 Datasheet HTML 20Page - Agere Systems OR3TP12 Datasheet HTML 21Page - Agere Systems OR3TP12 Datasheet HTML 22Page - Agere Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 128 page
background image
ORCA OR3TP12 FPSC
Data Sheet
Embedded Master/Target PCI Interface
March 2000
18
Lucent Technologies Inc.
Lucent Technologies Inc.
PCI Bus Core Detailed Description (continued)
PCI Bus Pin Information
This section describes signals on the PCI bus interface and at the embedded core/FPGA interface. Some signal
definitions change name and location based on the mode of operation. Modes of operation are described following
the signal descriptions. PCI bus signal package pin locations can be found in Table 42 through .
Table 5. PCI Bus Pin Descriptions
Symbol
I/O
Description
System Pins
clk
I
Clock. Provides timing for all transactions on the PCI bus and is an input to the
OR3TP12 device. All PCI signals, except rstn and intan, are sampled on the rising
edge of clk, and all other PCI bus timing parameters are defined with respect to this
edge. clk operates up to 66 MHz, and the minimum frequency is dc.
rstn
I
Reset. An active-low signal used to reset the entire PCI bus. rstn is asynchronous
to clk. When asserted, all PCI output signals are 3-stated.
Address and Data Pins
ad[31:0]
I/O
Address and Data. Multiplexed on the same PCI pins. A PCI bus transaction con-
sists of an address phase followed by one or more data phases.
During data phases, ad[7:0] contain the least significant byte and ad[31:24] con-
tain the most significant byte. During memory commands, the ad[31:2] lines spec-
ify the address and ad[1:0] specify the type of bursting sequence to use. The table
below outlines the bursting sequence based on the values of ad[1:0] for the Target.
ad[1:0] Bursting sequence.
00
Linear incrementing accepted by the Target.
01
Target disconnect after first transfer.
10
Target disconnect after first transfer.
11
Target disconnect after first transfer.
c_ben[3:0]
I/O
Bus Command and Byte Enables. Active-low signals multiplexed on the same
PCI pins. During the address phase of a transaction, c_ben[3:0] define the bus
command. During the data phase, c_ben[3:0] are used as byte enables. The byte
enables are valid for the entire data phase and determine which byte lanes carry
meaningful data.
par
I/O
Parity. Specifies even parity across ad[31:0] and c_ben[3:0]. par is stable and
valid one clock after the address phase. For data phases, par is stable and valid
one clock after irdyn is asserted on a write transaction or trdyn is asserted on a
read transaction. Once par is valid, it remains valid until one clock after the comple-
tion of the current data phase. The Master drives par for address and write data
phases; the Target drives par for read data phases.
Interface Control Pins
framen
I/O
Cycle Frame. An active-low signal driven by the current Master to indicate the
beginning and duration of an access. framen is asserted to indicate a bus transac-
tion is beginning. While framen is asserted, data transfers continue. When framen
is deasserted, the transaction is in the final phase or has completed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com