Electronic Components Datasheet Search
  English  ▼

X  

OR3TP12 Datasheet(PDF) 39 Page - Agere Systems

Part # OR3TP12
Description  Field-Programmable System Chip (FPSC) Embedded Master/Target PCI Interface
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AGERE [Agere Systems]
Direct Link  
Logo AGERE - Agere Systems

OR3TP12 Datasheet(HTML) 39 Page - Agere Systems

Back Button OR3TP12 Datasheet HTML 35Page - Agere Systems OR3TP12 Datasheet HTML 36Page - Agere Systems OR3TP12 Datasheet HTML 37Page - Agere Systems OR3TP12 Datasheet HTML 38Page - Agere Systems OR3TP12 Datasheet HTML 39Page - Agere Systems OR3TP12 Datasheet HTML 40Page - Agere Systems OR3TP12 Datasheet HTML 41Page - Agere Systems OR3TP12 Datasheet HTML 42Page - Agere Systems OR3TP12 Datasheet HTML 43Page - Agere Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 128 page
background image
Lucent Technologies Inc.
39
Data Sheet
ORCA OR3TP12 FPSC
March 2000
Embedded Master/Target PCI Interface
Lucent Technologies Inc.
PCI Bus Core Master Controller Detailed Description (continued)
Example: Master Write, Single-Word Transaction
Figure 3 and Figure 4 shows the timing of a Master write, single 32-bit data word, on the dual-port FPGA interface
and quad-port FPGA interface, respectively. In Figure 3, the command/address phase is initiated by the FPGA
application asserting Master address enable (maenn), while providing the Master command word on bus datafmf-
pga. On the next clock, the FPGA application provides the 32-bit address and ends the command/address phase
by asserting mwlastcycn for the write data phase.
To enter the data phase, maenn is deasserted, mwdataenn is asserted, and a valid 32-bit Dword of data provided
on bus datafmfpga. For a 32-bit transfer on a 32-bit PCI bus (pci_64bit = 0), the FPGA application asserts the sig-
nal mwlastcycn during the only clock of the data phase. After the first write data word is provided, ma_fulln goes
active indicating the Master will be begin negotiating for the PCI bus.
For quad-port mode (Figure 4), the command/address and write data is transferred on the bus mwdata in 16-bit
segments. The 18-bit Master command will remain unchanged, but the 32-bit address will be split into two 16-bit
components with the LSB being transferred first. The command/address phase will require three clock cycles
(maenn asserted), and mwlastcycn will be asserted on the final or MSB component of the address.
The data phase will also require additional clock cycles to transfer the 32-bit write data word across the bus
mwdata. Similar to above, the data phase will be entered with the deassertion of maenn and assertion of mwda-
taenn. mwlastcycn will be deasserted for the initial 16-bit LSB of the write data word and asserted for the final
16-bit MSB component.
In Figure 5, execution begins on the PCI bus which shows the timing of a transaction with an external Target. The
transaction results in a normal completion. It is a typical PCI transaction with a remote Target that supports fast
decode, and the protocol and timing are as required by the PCI Specification.
5-7350(F)
Figure 3. Master Write Single (FIFO Interface, Dual-Port)
T0
T1
T2
T3
T4
T5
0
1
A
0
CMD
ADRS
D0
fclk
m_ready
mstatecntr
ma_fulln
datafmfpga
maenn
mw_fulln
mwdataenn
mwlastcycn



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com