Electronic Components Datasheet Search
  English  ▼

X  

OR3TP12 Datasheet(PDF) 75 Page - Agere Systems

Part # OR3TP12
Description  Field-Programmable System Chip (FPSC) Embedded Master/Target PCI Interface
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AGERE [Agere Systems]
Direct Link  
Logo AGERE - Agere Systems

OR3TP12 Datasheet(HTML) 75 Page - Agere Systems

Back Button OR3TP12 Datasheet HTML 71Page - Agere Systems OR3TP12 Datasheet HTML 72Page - Agere Systems OR3TP12 Datasheet HTML 73Page - Agere Systems OR3TP12 Datasheet HTML 74Page - Agere Systems OR3TP12 Datasheet HTML 75Page - Agere Systems OR3TP12 Datasheet HTML 76Page - Agere Systems OR3TP12 Datasheet HTML 77Page - Agere Systems OR3TP12 Datasheet HTML 78Page - Agere Systems OR3TP12 Datasheet HTML 79Page - Agere Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 128 page
background image
Lucent Technologies Inc.
75
Data Sheet
ORCA OR3TP12 FPSC
March 2000
Embedded Master/Target PCI Interface
Lucent Technologies Inc.
PCI Bus Core Target Controller Detailed Description (continued)
For quad-port mode (Figure 28), the address is transferred on the bus twdata in 16-bit segments. If necessary, the
address will be split into two 16-bits components with the LSB being transferred first. A burst operation and dual-
address indication accompanies the address on twdata[17] and twdata[16] respectively. Assuming a BAR size
greater than 16 bits, the address phase will require two clock cycles, and twlastcycn will be asserted on the final or
MSB component of the address. The data phase will also require two clock cycles to transfer every 32-bit read data
word across the 16-bit bus from the FPGA application. trlastcycn will be deasserted for all 16-bit components of
the write data phase, except for the final 16-bit component where it is asserted. trlastcycn can only be asserted
when trdataenn is asserted. See Read Data Transfer section for details on trlastcycn.
Example: Target Read Memory Burst, Delayed Transaction
Figure 30 shows the timing on the PCI bus for a Target memory burst read of four 32-bit words handled as a
delayed transaction (deltrn = 0). On the PCI interface (Figure 30), three transactions are shown. In the first, the
Target responds to the request after determining that the address matches one of its BARs by asserting devseln.
However, since delayed transaction has been specified by the FPGA application (deltrn = 0), the Target issues a
retry since the Target read FIFO is empty. The Target waits for the FPGA application to load the Target read FIFO.
Until this occurs, all memory and I/O accesses result in retries as shown by the second transaction in Figure 30.
After the required read data is loaded, the actual data transfer will occur as shown in the third transaction in
Figure 30.
The FPGA interface timing is as shown in Figure 31 and Figure 32 for dual- and quad-port respectively. The Target
FIFO interface timing to the FPGA application is similar for all Target burst reads and is described below for the Tar-
get Read Burst FIFO interface.
5-7551(F)
Figure 30. Target Burst Memory Read, Delayed (PCI Bus, 32-Bit)
TRANSACTION #1: ADDRESS, BYTE ENABLES,
AND COMMAND LATCHED AS A
DELAYED READ REQUEST.
TRANSACTION #2: DISCONNECTED WITHOUT
DATA BECAUSE READ OPERATION
TRANSACTION #3: DISCONNECTED WITH DATA
BECAUSE READ OPERATION COMPLETED.
Ta0 Ta1 Ta2 Ta3 Ta4 Ta5 Ta6 Tb0 Tb1 Tb2 Tb3 Tb4 Tb5 Tb6 Tc0 Tc1 Tc2 Tc3 Tc4 Tc5 Tc6 Tc7 Tc8 Tc9
ADRS
ADRS
ADRS
D0
D1
D3
D4
CMD
BEs
CMD
BYTE ENABLES
CMD
BYTE ENABLES
clk
framen
ad
c_ben
irdyn
devseln
trdyn
stopn
ad_del
ad_del
ad_del
NOT COMPLETED.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com