Electronic Components Datasheet Search
  English  ▼

X  

OR3TP12 Datasheet(PDF) 48 Page - Agere Systems

Part # OR3TP12
Description  Field-Programmable System Chip (FPSC) Embedded Master/Target PCI Interface
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AGERE [Agere Systems]
Direct Link  
Logo AGERE - Agere Systems

OR3TP12 Datasheet(HTML) 48 Page - Agere Systems

Back Button OR3TP12 Datasheet HTML 44Page - Agere Systems OR3TP12 Datasheet HTML 45Page - Agere Systems OR3TP12 Datasheet HTML 46Page - Agere Systems OR3TP12 Datasheet HTML 47Page - Agere Systems OR3TP12 Datasheet HTML 48Page - Agere Systems OR3TP12 Datasheet HTML 49Page - Agere Systems OR3TP12 Datasheet HTML 50Page - Agere Systems OR3TP12 Datasheet HTML 51Page - Agere Systems OR3TP12 Datasheet HTML 52Page - Agere Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 128 page
background image
48
48
Lucent Technologies Inc.
ORCA OR3TP12 FPSC
Data Sheet
Embedded Master/Target PCI Interface
March 2000
Lucent Technologies Inc.
PCI Bus Core Master Controller
Detailed Description (continued)
Example: Master Read, Burst Transaction
Figure 12 and Figure 13 show the timing of a four 32-bit
word Master burst read, on the dual-port FPGA inter-
face and quad-port FPGA interface, respectively. Oper-
ation is similar to that in the Master read, single-word
transaction, but extra data Dwords are requested by
the FPGA application. In Figure 12, the command/
address phase is initiated by the FPGA application
asserting Master address enable (maenn), while pro-
viding the Master command word and read burst length
on bus datafmfpga. Assuming, the Master will decode
a supplied burst length of two, and read byte enable
(MRDBEN[7:0] = 0x00), this is a burst operation. On
the next clock, the FPGA application provides the
32-bit address and ends the command/address phase
by asserting mwlastcycn. ma_fulln then will be
asserted, and the Master will begin negotiating for the
PCI bus.
To enter the dual-port read data phase, maenn is
deasserted, mrdataenn is asserted, and valid 32-bit
data words will be provided on bus datatofpga
(fifo_sel = 0), providing the read data FIFO is not
empty (mr_emptyn = 1). For a burst transfer, the Mas-
ter FIFO interface will assert the signal mrlastcycn
during the last clock of the data phase, and deasserted
otherwise. The completion of the data phase is indi-
cated by mrlastcycn asserted, requiring mrdataenn
asserted, and the final data word.
For quad-port mode (Figure 13), the command/address
phase starts with the command and read burst length
transferring on the bus mwdata in sequential seg-
ments. The 18-bit Master command will be transferred
first on mwdata, followed the 18-bit read burst length,
with both validated by an asserted maenn. The 32-bit
address will be split into two 16-bit components with
the LSB being transferred first, also validated by an
asserted maenn. The command/address phase will
require four clock cycles, and mwlastcycn will be
asserted on the final or MSB component of the
address.
In the read data phase of the quad-port mode, the read
data will be transferred in 16-bit segments on bus
mrdata. The read data phase will require two clock
cycles to transfer each 32-bit read data word across the
16-bit bus mrdata, providing mrdataen is asserted, the
read data FIFOs are not empty (mr_emptyn = 1).
mrlastcycn will be deasserted for the all cycles of the
data phase, and asserted for final the 16-bit MSB com-
ponent.
Following this command/address setup, execution
begins on the PCI bus. Figure 14 shows the timing of a
typical transaction with a remote Target. The transac-
tion results in a normal completion. The remote Target
supports fast decode, and the protocol and timing are
as required by the PCI Specification.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com