Electronic Components Datasheet Search
  English  ▼

X  

OR3TP12 Datasheet(PDF) 74 Page - Agere Systems

Part # OR3TP12
Description  Field-Programmable System Chip (FPSC) Embedded Master/Target PCI Interface
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AGERE [Agere Systems]
Direct Link  
Logo AGERE - Agere Systems

OR3TP12 Datasheet(HTML) 74 Page - Agere Systems

Back Button OR3TP12 Datasheet HTML 70Page - Agere Systems OR3TP12 Datasheet HTML 71Page - Agere Systems OR3TP12 Datasheet HTML 72Page - Agere Systems OR3TP12 Datasheet HTML 73Page - Agere Systems OR3TP12 Datasheet HTML 74Page - Agere Systems OR3TP12 Datasheet HTML 75Page - Agere Systems OR3TP12 Datasheet HTML 76Page - Agere Systems OR3TP12 Datasheet HTML 77Page - Agere Systems OR3TP12 Datasheet HTML 78Page - Agere Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 128 page
background image
ORCA OR3TP12 FPSC
Data Sheet
Embedded Master/Target PCI Interface
March 2000
74
Lucent Technologies Inc.
Lucent Technologies Inc.
PCI Bus Core Target Controller Detailed Description (continued)
Example: Target Read Memory, Single-Word, Nondelayed Transaction
Figure 29 shows the timing on the PCI bus for a Target single memory read that is handled as nondelayed
(deltrn = 1, trburstpendn = 0); that is, the operation waits on the PCI bus while the FPGA application is notified via
the Target FIFO Interface. The Target accepts the transaction without issuing an immediate retry, but inserts wait-
states (up to 16 or 32) until data is in placed in the Target read FIFO. If the FPGA application cannot provide data
within the initial latency time, the Target issues a retry. The Target terminates the single read request normally with
data on the first word transformed.
5-7548(F).
Figure 29. Target Memory Read Single, Nondelayed Transaction (PCI Bus, 32-Bit)
Single Target Read FIFO Interface
The FIFO interface timing is as shown in Figure 27 and Figure 28 for dual- and quad-port respectively. The Target
FIFO interface timing to the FPGA application is similar for all Target reads: delayed Target I/O read, nondelayed
Target I/O read, delayed Target memory read, and nondelayed Target memory read. The timing on the FIFO inter-
face (Figure 27 for dual-port) shows the first indication to the FPGA application that a new operation has begun by
the assertion of Target request (treqn). The FPGA application begins the command/address phase by asserting
Target address enable (taenn) and accepting the command from the tcmd bus and address from bus datatofpga
(with fifo_sel = 1). A burst operation and dual-address indication accompanies the address on datatofpgax[1] and
datatofpgax[0] respectively. The FPGA application continues to receive address data until twlastcycn is asserted
indicating the end of the command/address phase. See command/address section for notes regarding address
transfer and alignment.
The read data phase will follow, by deassertion of taenn, and assertion of Target read data enable (trdataenn).
trdataenn can only be asserted while tr_fulln is deasserted, indicating that space is available in the read data
FIFOs. While trdataenn is asserted, the FPGA application will transfer Target read data on bus datafmfpga to the
read data FIFOs. The FPGA application is informed when the last component of the data phase was received when
trlastcycn is asserted. In a single access on a 32-bit PCI bus (pci_64bit = 0), this is on the first data phase.
Assuming this is a single access, (datatofpgax[1] = 0 during command/address phase), the first and only data
phase is the last data of the read data phase. After receiving trlastcycn at the end of the data phase, trdataenn
must be deasserted by the FPGA application. trlastcycn can only be asserted when trdataenn is asserted. See
Read Data Transfer section for details on trlastcycn.
T0
T1
T2
T3
Tn0
Tn1
Tn2
Tn3
ADDRESS
DATA
MEM RD
BYTE ENABLES
BYTE ENABLES
clk
framen
ad
c_ben
irdyn
devseln
trdyn
stopn
devseln



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com