Electronic Components Datasheet Search
  English  ▼

X  

OR3TP12 Datasheet(PDF) 5 Page - Agere Systems

Part # OR3TP12
Description  Field-Programmable System Chip (FPSC) Embedded Master/Target PCI Interface
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AGERE [Agere Systems]
Direct Link  
Logo AGERE - Agere Systems

OR3TP12 Datasheet(HTML) 5 Page - Agere Systems

  OR3TP12 Datasheet HTML 1Page - Agere Systems OR3TP12 Datasheet HTML 2Page - Agere Systems OR3TP12 Datasheet HTML 3Page - Agere Systems OR3TP12 Datasheet HTML 4Page - Agere Systems OR3TP12 Datasheet HTML 5Page - Agere Systems OR3TP12 Datasheet HTML 6Page - Agere Systems OR3TP12 Datasheet HTML 7Page - Agere Systems OR3TP12 Datasheet HTML 8Page - Agere Systems OR3TP12 Datasheet HTML 9Page - Agere Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 128 page
background image
Lucent Technologies Inc.
5
Data Sheet
ORCA OR3TP12 FPSC
March 2000
Embedded Master/Target PCI Interface
Lucent Technologies Inc.
PCI Bus Core Highlights (continued)
s
Operates at PCI bus speeds up to 66 MHz.
s
Comprises two independent controllers for Master
and Target.
s
Meets/exceeds all requirements for
PICMG *Hot
Swap Friendly silicon, Full Hot Swap model, per the
CompactPCI* Hot Swap Specification, PICMG 2.1
R1.0.
s
PCI SIG Hot-Plug (R1.0) compliant.
s
Four internal FIFOs individually buffer both directions
of both the Master and Target interfaces:
— Both Master FIFOs are 64 bits wide by 32 bits
deep.
— Both Target FIFOs are 64 bits wide by 16 bits
deep.
s
Capable of no-wait-state, full-burst PCI transfers in
either direction, on either the Master or Target inter-
face. Dual 32-bit data paths extend into the FPGA
logic, permitting full-bandwidth, simultaneous bidirec-
tional data transfers of up to 264 Mbytes/s to be sus-
tained indefinitely.
s
Can be configured to provide either two 32-bit buses
(one in each direction) to be multiplexed between
Master and Target, or four independent 16-bit buses.
s
Provides many hardware options in the PCI bus core
that are set during FPGA logic configuration.
s
Operates within the requirements of the PCI 5 V and
3.3 V signaling environments, allowing the same
device to be used in 5 V or 3.3 V PCI systems.
s
FPGA is reconfigurable via the PCI interface configu-
ration space (as well as conventionally), allowing the
FPGA to be field-updated to meet late-breaking
requirements of emerging protocols.
s
Master:
— Generates all defined command codes except
interrupt acknowledge and special cycle.
— Capable of acting as the system's configuration
agent by booting up with the Master logic enabled.
— Provides multiple options to increase PCI bus
bandwidth.
s
Target:
— Responds legally to most command codes: inter-
rupt acknowledge, special cycle, and reserved
commands ignored; memory read multiple and
line handled as memory read; memory write and
invalidate handled as memory write.
— Implements Target abort, disconnect, retry, and
wait cycles.
— Handles delayed transactions.
— Handles fast back-to-back transactions.
— Supports programmable latency timer control.
— Method of handling wait-states is programmable
to allow tailoring to different Target data access
latencies.
— Decodes at medium speed.
s
Supports dual-address cycles (both as Master and
Target).
s
Supports all six base address registers (BARs), as
either memory (32-bit or 64-bit) or I/O. Any legal
page size can be independently specified for each
BAR during FPGA configuration.
s
Provides versatile clocking capabilities with FPGA
clocks sourced from PCI bus clock or elsewhere.
FIFO interface buffers asynchronous clock domains
between the PCI interface and FPGA-based logic.
s
PCI interface timing: meets or exceeds 33 MHz,
50 MHz, and 66 MHz PCI requirements.
s
Standard 256-byte PCI configuration space:
— Class code, revision ID.
— Latency timer.
— Cache line size.
— Subsystem ID.
— Subsystem vendor ID.
— Maximum latency, minimum grant.
— Interrupt line.
— Hot plug/hot swap capability.
*
CompactPCI and PICMG are registered trademarks of the PCI
Industrial Computer Manufacturers Group.
Parameter
33 MHz
50 MHz
66 MHz
Device clock = > out
11.0 ns
7.5 ns
6.0 ns
Device setup time
7.0 ns
4.5 ns
3.0 ns
Board prop. delay
10.0 ns
6.5 ns
5.0 ns
Board clock skew
2.0 ns
1.5 ns
1.0 ns
Total budget
30.0 ns
20.0 ns
15.0 ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com