Electronic Components Datasheet Search
  English  ▼

X  

OR3TP12 Datasheet(PDF) 25 Page - Agere Systems

Part # OR3TP12
Description  Field-Programmable System Chip (FPSC) Embedded Master/Target PCI Interface
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AGERE [Agere Systems]
Direct Link  
Logo AGERE - Agere Systems

OR3TP12 Datasheet(HTML) 25 Page - Agere Systems

Back Button OR3TP12 Datasheet HTML 21Page - Agere Systems OR3TP12 Datasheet HTML 22Page - Agere Systems OR3TP12 Datasheet HTML 23Page - Agere Systems OR3TP12 Datasheet HTML 24Page - Agere Systems OR3TP12 Datasheet HTML 25Page - Agere Systems OR3TP12 Datasheet HTML 26Page - Agere Systems OR3TP12 Datasheet HTML 27Page - Agere Systems OR3TP12 Datasheet HTML 28Page - Agere Systems OR3TP12 Datasheet HTML 29Page - Agere Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 128 page
background image
Lucent Technologies Inc.
25
Data Sheet
ORCA OR3TP12 FPSC
March 2000
Embedded Master/Target PCI Interface
Lucent Technologies Inc.
Target FIFO Address and Command Register Control Signals
treqn
I
Target Request from PCI. The Target asserts treqn as an indication to the
FPGA application that a PCI Target operation has been decoded and is pend-
ing. treqn signal will continue to be active until all data has been transferred
between the FPGA application and the Target FIFO interface. The FPGA appli-
cation should use treqn to qualify valid data on following buses: tcmd, bar,
twdata (quad-port mode), and datatofpga/datatofpgax (dual-port mode)
fclk*
taenn
O
Target Address Output Enable. This active-low signal enables the PCI start
address to be transferred from the Target address FIFO to the FPGA applica-
tion, on either bus twdata (quad-port mode) or datatofpga (dual-port mode,
fifo_sel = 1). treqn will be asserted to indicate a valid PCI Target address
exists.
fclk*
tcmd[3:0]
I
Target Command Code. This bus provides the PCI command code for a
pending Target operation, and is valid when treqn is asserted active-low.
—
bar[2:0]
I
Base Address Register Number. This bus indicates which of the six BARs
decoded the PCI address for the current Target operation, and is valid when
treqn is active-low. For 64-bit addresses, the BARs pairs will be indicated by
numbers 0, 2, and 4.
—
Target Write Data FIFO Signals
twdataenn
O
Target Write FIFO Data Enable. This active-low signal enables data from the
Target write data FIFO onto bus twdata (quad-port mode) or datatofpga (dual-
port mode, fifo_sel = 1). twdataenn should not be asserted whenever the Tar-
get write data FIFO is empty (tw_emptyn = 0).
fclk*
twdata[17:0]
(quad-port mode)
or
datatofpgax[3:0],
datatofpga[31:0]
(dual-port mode)
I
Depending on the OR3TP12 configuration, only one of these buses will be
available to the FPGA application. For Target operations, these buses will carry
the same information, but in different sizes and bit lanes as summarized below:
Quad-Port Mode
Dual-Port Mode (fifo_sel = 1)
a. Target Start Address: 32- or 64-bit PCI start address.
Address:
twdata[15:0]
datatofpga[31:0]
Dual-Address Indication:
twdata[16]
datatofpgax[0]
Burst Indication:
twdata[17]
datatofpgax[1]
Unused:
datatofpgax[3:2]
b. Target Write Data: Write data from PCI bus.
Data:
twdata[15:0]
datatofpga[31:0]
Write Enables:
twdata[17:16]
datatofpgax[3:0]
fclk*
tw_aemptyn
I
Target Write FIFO Almost Empty. This active-low signal indicates that only
four more 64-bit data locations are available to be read from the Target write
data FIFO.
fclk*
tw_emptyn
I
Target Write FIFO Empty. This active-low signal indicates that the Target write
FIFO is empty. twdataenn should never be asserted if tw_emptyn is asserted.
fclk*
* The source of the clock (fclk1 or fclk2) for the FIFO interface (Master or Target) is selected in the FPSC configuration manager.
PCI Bus Core Detailed Description (continued)
Table 6. Embedded Core/FPGA Interface Signals (continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com