Electronic Components Datasheet Search
  English  ▼

X  

OR3TP12 Datasheet(PDF) 33 Page - Agere Systems

Part # OR3TP12
Description  Field-Programmable System Chip (FPSC) Embedded Master/Target PCI Interface
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AGERE [Agere Systems]
Direct Link  
Logo AGERE - Agere Systems

OR3TP12 Datasheet(HTML) 33 Page - Agere Systems

Back Button OR3TP12 Datasheet HTML 29Page - Agere Systems OR3TP12 Datasheet HTML 30Page - Agere Systems OR3TP12 Datasheet HTML 31Page - Agere Systems OR3TP12 Datasheet HTML 32Page - Agere Systems OR3TP12 Datasheet HTML 33Page - Agere Systems OR3TP12 Datasheet HTML 34Page - Agere Systems OR3TP12 Datasheet HTML 35Page - Agere Systems OR3TP12 Datasheet HTML 36Page - Agere Systems OR3TP12 Datasheet HTML 37Page - Agere Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 128 page
background image
Lucent Technologies Inc.
33
Data Sheet
ORCA OR3TP12 FPSC
March 2000
Embedded Master/Target PCI Interface
Lucent Technologies Inc.
PCI Bus Core Detailed Description (continued)
Embedded Core/FPGA FIFO Interface Operation Summary
The following sections describe the Master and Target FIFO interface operation between the PCI bus core and the
FPGA application. Table 9 is an index to the state tables and timing figures provided for each of the operational
modes (dual-port, quad-port) of the FIFO interface.
Table 9. Index to State Sequence Tables
* The FPGA interface does not participate in Target configuration operations.
Dual-Port Mode
Quad-Port Mode
Master/
Target
PCI
Access
Type
Address
Type
Single/Burst and
Delayed/
Nondelayed
PCI
Bus
Timing
Figure
State
Table
FPGA
Bus
Timing
Figure
State
Table
FPGA
Bus
Timing
Figure
Master
Write
Config,
Memory, I/O
Single
5
13
3
14
4
Burst
8
6
7
Read
Config,
Memory, I/O
Single
11
15
9
16
17
10
Burst
14
12
13
Target
Write
Config
Single
15
20
*
21
*
I/O
Single, Delayed
—
18
19
Single,
Nondelayed
16
Memory
Single
17
Burst
20
21
22
Read
Config
Single
23
22
*
23
*
I/O
Delayed
24
27
28
Nondelayed
25
Memory
Single
29
Single, Delayed
26
Burst
33
31
32
Burst, Delayed
30



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com