Electronic Components Datasheet Search
  English  ▼

X  

OR3TP12 Datasheet(PDF) 22 Page - Agere Systems

Part # OR3TP12
Description  Field-Programmable System Chip (FPSC) Embedded Master/Target PCI Interface
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AGERE [Agere Systems]
Direct Link  
Logo AGERE - Agere Systems

OR3TP12 Datasheet(HTML) 22 Page - Agere Systems

Back Button OR3TP12 Datasheet HTML 18Page - Agere Systems OR3TP12 Datasheet HTML 19Page - Agere Systems OR3TP12 Datasheet HTML 20Page - Agere Systems OR3TP12 Datasheet HTML 21Page - Agere Systems OR3TP12 Datasheet HTML 22Page - Agere Systems OR3TP12 Datasheet HTML 23Page - Agere Systems OR3TP12 Datasheet HTML 24Page - Agere Systems OR3TP12 Datasheet HTML 25Page - Agere Systems OR3TP12 Datasheet HTML 26Page - Agere Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 128 page
background image
ORCA OR3TP12 FPSC
Data Sheet
Embedded Master/Target PCI Interface
March 2000
22
Lucent Technologies Inc.
Lucent Technologies Inc.
Symbol
I/O
Description
Clock
Domain
Master Write Data FIFO Signals
mwlastcycn
O
Master Write Last Data Cycle. This active-low signal has two functions:
a. It is asserted low to indicate that the current Master start address word is the
final portion being sent. It can be asserted prior to any address portion being
transferred, indicating to use the previous stored address in the selected
Master holding register. maenn must be asserted with mwlastcycn during
the final address word.
b. It is asserted low to indicate that the accompanying Master write data is the
final data for this operation. mwdataenn must be asserted with mwlastcycn
during the final data word.
fclk*
mwdataenn
O
Master Write FIFO Data Enable. This active-low signal enables the registering
of data bus mwdata (quad-port mode) or datafmfpga (dual-port mode) during
Master write operations into the Master write data FIFOs. mwdataenn should
not be asserted when the Master write data FIFOs are full, or data may be lost.
fclk*
mwpcihold
O
Master Write PCI Bus Hold. For Master write transfers on the PCI bus, this
signal delays the start of the transfer (i.e., reqn asserted) on the PCI bus,
allowing the FPGA application to fill the Master write data FIFO. The transac-
tion will begin when mwpcihold is deasserted or the Master write data FIFO
becomes full. mwpcihold should be deasserted before mwlastcycn is
asserted, and needs to remain asserted for a minimum of two pciclk cycles.
pciclk
mw_afulln
I
Master Write Data FIFO Almost Full Flag. This active-low signal indicates
that only four more empty 64-bit locations remain in the Master write data
FIFO.
fclk*
mw_fulln
I
Master Write Data FIFO Full Flag. This active-low signal indicates that the
Master write data FIFO is full. mwdataenn should never be asserted when
mw_fulln is active.
fclk*
* The source of the clock (fclk1 or fclk2) for the FIFO interface (Master or Target) is selected in the FPSC configuration manager.
PCI Bus Core Detailed Description (continued)
Table 6. Embedded Core/FPGA Interface Signals (continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com