Electronic Components Datasheet Search
  English  ▼

X  

OR3TP12 Datasheet(PDF) 31 Page - Agere Systems

Part # OR3TP12
Description  Field-Programmable System Chip (FPSC) Embedded Master/Target PCI Interface
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AGERE [Agere Systems]
Direct Link  
Logo AGERE - Agere Systems

OR3TP12 Datasheet(HTML) 31 Page - Agere Systems

Back Button OR3TP12 Datasheet HTML 27Page - Agere Systems OR3TP12 Datasheet HTML 28Page - Agere Systems OR3TP12 Datasheet HTML 29Page - Agere Systems OR3TP12 Datasheet HTML 30Page - Agere Systems OR3TP12 Datasheet HTML 31Page - Agere Systems OR3TP12 Datasheet HTML 32Page - Agere Systems OR3TP12 Datasheet HTML 33Page - Agere Systems OR3TP12 Datasheet HTML 34Page - Agere Systems OR3TP12 Datasheet HTML 35Page - Agere Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 128 page
background image
Lucent Technologies Inc.
31
Data Sheet
ORCA OR3TP12 FPSC
March 2000
Embedded Master/Target PCI Interface
Lucent Technologies Inc.
PCI Bus Core Detailed Description (continued)
Embedded Core Configuration Options
Table 8 lists all options in the embedded core that can be selected via the FPSC configuration manager. The table
also lists the settings available for each option, which is accessible using the FPSC design kit software.
Table 8. PCI Bus Core Options Settable via FPGA Configuration RAM Bits
Description
Hex Address in PCI
Configuration
Space
Optional Settings
Revision ID
0x08
Any 8-bit value.
Class Code
0x09—0x0B
Any 24-bit value.
Bus Master Support
0x4: Bit 2
Three options:
s
Target Only: Powerup value: 0; Access Type:
Read-only
s
Master/Target: Powerup value: 0; Access Type:
Read/Write
s
Master: Powerup value: 1; Access Type: Read-
only
Data Parity Error Detected
0x4: Bit 8
Mask value for wire-OR output pci_cfg_stat.
Target Abort Signal
0x4: Bit 11
Mask value for wire-OR output pci_cfg_stat.
Target Abort Received
0x4: Bit 12
Mask value for wire-OR output pci_cfg_stat.
Master Abort Received
0x4: Bit 13
Mask value for wire-OR output pci_cfg_stat.
System Error Signaled
0x4: Bit 14
Mask value for wire-OR output pci_cfg_stat.
Parity Error Detected
0x4: Bit 15
Mask value for wire-OR output pci_cfg_stat.
Latency Timer Initial Value
0x0D
Any 8-bit value divisible by eight (XXXXX000).
Base Address Register (BAR0/1)
Area 1
0x10—0x17
s
Refer to PCI Specification 2.2, Section 6.2.5.1
s
Up to two 32-bit BARs, one 64-bit BAR, or none
(i.e., unprogrammed).
s
32-bit BARs can Target memory or I/O space.
s
Memory can be prefetchable or nonprefetchable.
s
If 64-bit BAR, must be memory; page size can be
from 24 bytes to 264 bytes.
s
If 32-bit I/O BAR, page size can be from 22 bytes
to 232 bytes.
s
If 32-bit memory BAR, address space can be 24
bytes to the maximum (220 bytes or 232 bytes).
Base Address Register (BAR2/3)
Area 2
0x18—0x1F
Same as for BAR area 1.
Base Address Register (BAR4/5)
Area 3
0x20—0x27
Same as for BAR area 1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com